Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4939-1YCPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4939-1YCPZ-R2
Description  Ultralow Distortion, Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-1YCPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4939-1YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4939-1YCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADA4939-1/ADA4939-2
Rev. A | Page 23 of 24
HIGH PERFORMANCE ADC DRIVING
The ADA4939-1/ADA4939-2 are ideally suited for broadband
ac-coupled and differential-to-differential applications on a
single supply.
The circuit in Figure 54 shows a front-end connection for an
ADA4939-1 driving an AD9445, 14-bit, 105 MSPS ADC, with
ac coupling on the ADA4939-1 input and output. (The AD9445
achieves its optimum performance when driven differentially.)
The ADA4939-1 eliminates the need for a transformer to drive
the ADC and perform a single-ended-to-differential conversion
and buffering of the driving signal.
The ADA4939-1 is configured with a single 5 V supply and gain
of 2 for a single-ended input to differential output. The 60.4 Ω
termination resistor, in parallel with the single-ended input
impedance of approximately 300 Ω, provides a 50 Ω termination
for the source. The additional 27.4 Ω (227.4 Ω total) at the
inverting input balances the parallel impedance of the 50 Ω
source and the termination resistor driving the noninverting input.
In this example, the signal generator has a 1 V p-p symmetric,
ground-referenced bipolar output when terminated in 50 Ω.
The VOCM pin of the ADA4939-1 is bypassed for noise reduction
and left floating such that the internal divider sets the output
common-mode voltage nominally at midsupply. Because the
inputs are ac-coupled, no dc common-mode current flows in
the feedback loops, and a nominal dc level of midsupply is
present at the amplifier input terminals. Besides placing the
amplifier inputs at their optimum levels, the ac coupling technique
lightens the load on the amplifier and dissipates less power than
applications with dc-coupled inputs. With an output common-
mode voltage of nominally 2.5 V, each ADA4939-1 output
swings between 2.0 V and 3.0 V, providing a gain of 2 and a 2 V p-p
differential signal to the ADC input.
The output of the amplifier is ac-coupled to the ADC through a
second-order, low-pass filter with a cutoff frequency of 100 MHz.
This reduces the noise bandwidth of the amplifier and isolates
the driver outputs from the ADC inputs.
The AD9445 is configured for a 2 V p-p full-scale input by
connecting the SENSE pin to AGND, as shown in Figure 54.
VIN–
VIN+
47pF
30nH
30nH
24.3Ω
24.3Ω
50Ω
SIGNAL
GENERATOR
200Ω
200Ω
VOCM
5V
+
60.4Ω
412Ω
27.4Ω
412Ω
14
BUFFER T/H
ADC
CLOCK/
TIMING
REF
SENSE
AGND
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
AD9445
3.3V (A)
AVDD1
5V (A)
AVDD2
3.3V (D)
DRVDD
ADA4939-1
Figure 54. ADA4939-1 Driving an AD9445 ADC with AC-Coupled Input and Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com