Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP04ESZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AMP04ESZ-R7
Description  Precision Single Supply Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP04ESZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AMP04ESZ-R7 Datasheet HTML 3Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 4Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 5Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 6Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 7Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 8Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 9Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 10Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AMP04
–6–
APPLICATIONS
Common-Mode Rejection
The purpose of the instrumentation amplifier is to amplify the
difference between the two input signals while ignoring offset
and noise voltages common to both inputs. One way of judging
the device’s ability to reject this offset is the common-mode
gain, which is the ratio between a change in the common-mode
voltage and the resulting output voltage change. Instrumenta-
tion amplifiers are often judged by the common-mode rejection
ratio, which is equal to 20
× log
10 of the ratio of the user-selected
differential signal gain to the common-mode gain, commonly
called the CMRR. The AMP04 offers excellent CMRR, guaran-
teed to be greater than 90 dB at gains of 100 or greater. Input
offsets attain very low temperature drift by proprietary laser-
trimmed thin-film resistors and high gain amplifiers.
Input Common-Mode Range Includes Ground
The AMP04 employs a topology (Figure 1) that uniquely allows
the common-mode input voltage to truly extend to zero volts
where other instrumentation amplifiers fail. To illustrate, take
for example the single supply, gain of 100 instrumentation
amplifier as in Figure 2. As the inputs approach zero volts, in
order for the output to go positive, amplifier A’s output (VOA)
must be allowed to go below ground, to –0.094 volts. Clearly
this is not possible in a single supply environment. Consequently
this instrumentation amplifier configuration’s input common-mode
voltage cannot go below about 0.4 volts. In comparison, the
AMP04 has no such restriction. Its inputs will function with a
zero-volt common-mode voltage.
IN(–)
IN(+)
INPUT BUFFERS
REF
100k
11k
11k
RGAIN
VOUT
100k
Figure 1. Functional Block Diagram
0.01V
+
20k
VOUT
100k
–
4.7 A
4.7 A
20k
0.01V
5.2 A
2127
100k
VOB
VOA
0V
B
A
VIN
–0.094V
0V
Figure 2. Gain = 100 Instrumentation Amplifier
Input Common-Mode Voltage Below Ground
Although not tested and guaranteed, the AMP04 inputs are
biased in a way that they can amplify signals linearly with common-
mode voltage as low as –0.25 volts below ground. This holds
true over the industrial temperature range from –40
°C to +85°C.
Extended Positive Common-Mode Range
On the high side, other instrumentation amplifier configurations,
such as the three op amp instrumentation amplifier, can have
severe positive common-mode range limitations. Figure 3 shows
an example of a gain of 1001 amplifier, with an input common-
mode voltage of 10 volts. For this circuit to function, VOB must
swing to 15.01 volts in order for the output to go to 10.01 volts.
Clearly no op amp can handle this swing range (given a 15 V
supply) as the output will saturate long before it reaches the
supply rails. Again the AMP04’s topology does not have this
limitation. Figure 4 illustrates the AMP04 operating at the same
common-mode conditions as in Figure 3. None of the internal
nodes has a signal high enough to cause amplifier saturation. As
a result, the AMP04 can accommodate much wider common-
mode range than most instrumentation amplifiers.
100k
R
VOB
VOA
10.00V
A
10.01V
15.01V
5V
R
R
R
50 A
100k
10.01V
200
B
Figure 3. Gain = 1001, Three Op Amp Instrumentation
Amplifier
+15V
–15V
100k
11k
VOUT
100k
+15V
–15V
11k
100.1 A
11.111V
10.01V
10.00V
100
10.01V
0.1 A
10V
100 A
Figure 4. Gain = 1000, AMP04
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com