Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP04ESZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AMP04ESZ-R7
Description  Precision Single Supply Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP04ESZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AMP04ESZ-R7 Datasheet HTML 8Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 9Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 10Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 11Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 12Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 13Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 14Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 15Page - Analog Devices AMP04ESZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AMP04
REV.
–11–
4-20 mA Loop Receiver
At the receiving end of a 4-20 mA loop, the AMP04 makes a
convenient differential receiver to convert the current back to
a usable voltage (Figure 13). The 4-20 mA signal current passes
through a 100
Ω sense resistor. The voltage drop is differentially
amplified by the AMP04. The 4 mA offset is removed by the
offset correction circuit.
AMP04
1k
3
2
4
6
VOUT
7
+15V
–15V
100
1%
1N4002
WIRE
RESISTANCE
1k
4–20mA
4–20mA
TRANSMITTER
100k
POWER
SUPPLY
0.15 F
4–20mA
0–1.6V FS
5
8
1
OP177
2
3
AD589
–15V
6
27k
10k
–0.400V
Figure 13. 4-to-20 mA Line Receiver
Low Power, Pulsed Load-Cell Amplifier
Figure 14 shows a 350
Ω load cell that is pulsed with a low duty
cycle to conserve power. The OP295’s rail-to-rail output capa-
bility allows a maximum voltage of 10 volts to be applied to the
bridge. The bridge voltage is selectively pulsed on when a mea-
surement is made. A negative-going pulse lasting 200 ms should
be applied to the MEASURE input. The long pulsewidth is
necessary to allow ample settling time for the long time constant
of the low-pass filter around the AMP04. A much faster settling
time can be achieved by omitting the filter capacitor.
AMP04
3
2
VOUT
7
6
IN
GND
OUT
REF01
1/2
OP295
MEASURE
1N4148
10k
1k
50k
12V
5
4
330
0.22 F
8
1
2N3904
12V
350
Figure 14. Pulsed Load Cell Bridge Amplifier
Single Supply Programmable Gain Instrumentation Amplifier
Combining with the single supply ADG221 quad analog switch,
the AMP04 makes a useful programmable gain amplifier that
can handle input and output signals at zero volts. Figure 15
shows the implementation. A logic low input to any of the gain
control ports will cause the gain to change by shorting a gain-
set resistor across AMP04’s Pins 1 and 8. Trimming is required
at higher gains to improve accuracy because the switch ON-
resistance becomes a more significant part of the gain-set
resistance. The gain of 500 setting has two switches connected
in parallel to reduce the switch resistance.
8
7
6
5
1
2
3
4
V–
REF
V+
RG
RG
AMP04
ADG221
13
10
9
7
8
15
16
2
1
12
5V TO
30V
VOUT
0.22 F
5
4
11
6
14
3
715
10.9k
200
200
0.1 F
10 F
5V TO 30V
GAIN OF 500
GAIN OF 100
GAIN OF 10
WR
GAIN
CONTROL
0.1 F
INPUT
100k
Figure 15. Single Supply Programmable Gain Instrumen-
tation Amplifier
The switch ON resistance is lower if the supply voltage is 12 volts
or higher. Additionally, the overall amplifier’s temperature coeffi-
cient also improves with higher supply voltage.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com