Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP04FS Datasheet(PDF) 15 Page - Analog Devices

Part # AMP04FS
Description  Precision Single Supply Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP04FS Datasheet(HTML) 15 Page - Analog Devices

Back Button AMP04FS Datasheet HTML 10Page - Analog Devices AMP04FS Datasheet HTML 11Page - Analog Devices AMP04FS Datasheet HTML 12Page - Analog Devices AMP04FS Datasheet HTML 13Page - Analog Devices AMP04FS Datasheet HTML 14Page - Analog Devices AMP04FS Datasheet HTML 15Page - Analog Devices AMP04FS Datasheet HTML 16Page - Analog Devices AMP04FS Datasheet HTML 17Page - Analog Devices AMP04FS Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AMP04
REV.
–14–
50
30
–20
1k
1M
100k
10k
100
40
10
20
–10
0
FREQUENCY – Hz
G = 1
G = 100
G = 10
TA = 25 C
VS = 15V
Figure 28. Closed-Loop Voltage Gain vs. Frequency
1
10
100k
10k
1k
100
FREQUENCY – Hz
100
–20
60
80
0
40
20
120
TA = 25 C
VS = 15V
VCM = 2V p-p
G = 100
G = 10
G = 1
Figure 29. Common-Mode Rejection vs. Frequency
10
100k
10k
1k
100
FREQUENCY – Hz
100
60
80
0
40
20
120
TA = 25 C
VS = 15V
VS = 1V
G = 100
G = 10
G = 1
140
1M
Figure 30. Positive Power Supply Rejection vs. Frequency
100
–20
1k
100k
10k
100
60
80
0
40
FREQUENCY – Hz
10
20
120
VS = 15V
VS = 5V
TA = 25 C
G = 1
Figure 31. Closed-Loop Output Impedance vs. Frequency
120
70
50
110
1k
100
100
60
80
90
110
VOLTAGE GAIN – G
TA = 25 C
VS = 15V
VCM = 2V p-p
Figure 32. Common-Mode Rejection vs. Voltage Gain
10
100k
10k
1k
100
FREQUENCY – Hz
100
60
80
0
40
20
120
TA = 25 C
VS = 15V
VS = 1V
G = 100
G = 10
G = 1
140
1M
Figure 33. Negative Power Supply Rejection vs. Frequency
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com