Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP04FS Datasheet(PDF) 16 Page - Analog Devices

Part # AMP04FS
Description  Precision Single Supply Instrumentation Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP04FS Datasheet(HTML) 16 Page - Analog Devices

Back Button AMP04FS Datasheet HTML 10Page - Analog Devices AMP04FS Datasheet HTML 11Page - Analog Devices AMP04FS Datasheet HTML 12Page - Analog Devices AMP04FS Datasheet HTML 13Page - Analog Devices AMP04FS Datasheet HTML 14Page - Analog Devices AMP04FS Datasheet HTML 15Page - Analog Devices AMP04FS Datasheet HTML 16Page - Analog Devices AMP04FS Datasheet HTML 17Page - Analog Devices AMP04FS Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AMP04
REV.
–15–
VOLTAGE GAIN – G
1
110
TA = 25 C
VS = 15V
= 100Hz
10
100
1k
100
1k
Figure 34. Voltage Noise Density vs. Gain
100
100
10k
10
60
80
0
40
FREQUENCY – Hz
1
20
120
TA = 25 C
VS = 15V
G = 100
140
1k
Figure 35. Voltage Noise Density vs. Frequency
1200
0
100
600
200
–25
400
–50
1000
800
75
50
25
0
TEMPERATURE – C
VS = 15V
VS = 5V
Figure 36. Supply Current vs. Temperature
VOLTAGE GAIN – G
1
110
TA = 25 C
VS = 15V
= 1kHz
10
100
1k
100
1k
Figure 37. Voltage Noise Density vs. Gain, f = 1 kHz
10
90
100
0%
20mV
1s
VS = 15V, GAIN = 1000, 0.1 TO 10 Hz BANDPASS
Figure 38. Input Noise Voltage
1k
100k
10k
100
0
LOAD RESISTANCE –
10
TA = 25 C
VS = 15V
2
4
6
8
10
12
14
16
Figure 39. Maximum Output Voltage vs. Load Resistance
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com