Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6311ASGU Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MS6311ASGU
Description  Stereo Audio DAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6311ASGU Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MS6311ASGU Datasheet HTML 1Page - List of Unclassifed Manufacturers MS6311ASGU Datasheet HTML 2Page - List of Unclassifed Manufacturers MS6311ASGU Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6311ASGU Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6311ASGU Datasheet HTML 5Page - List of Unclassifed Manufacturers MS6311ASGU Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOSA ELECTRONICS
MS6311
Stereo Audio DAC
- 2 -
www.mosanalog.com.tw
BLOCK DIAGRAM
LEFT OUTPUT LATCH
LEFT BIT SWITCHES
11-BIT
PASSIVE
DIVIDER
32 (5-BIT)
MATCHED
CURRENT
SOURCES
Iref
RIGHT OUTPUT LATCH
RIGHT BIT SWITCHES
32 (5-BIT)
MATCHED
CURRENT
SOURCE
11-BIT
PASSIVE
DIVIDER
Iref
LEFT INPUT LATCH
RIGHT INPUT LATCH
CONTROL
&
TIMING
Vref
Vref
R1
R2
REFERENCE
SOURCE
IBL Iref IBR
IBL
I BR
-
+
-
+
1
2
3
BCK
WS
DATA
6
8
VOUT
left
VOUT
right
5
VDD
4
GND
OP1
OP2
100nF
R3
R4
Rref
11K
Vref
2K
2K
≅ 33K
≅ 22K
Fig.1
Block diagram.
LIMITING VALUES
Symbol
Parameter
Min
Max
Unit
VDD
Positive Supply Voltage
-
6
V
Tsig
Storage Temperature Range
-55
+150
℃
TXTAL
Maximum Crystal Temperature
-
+150
℃
TAMB
Operating Ambient Temperature Range
-40
+85
℃
Ves
Electrostatic Handling
-2000
2000
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com