Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6311ASGU Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS6311ASGU
Description  Stereo Audio DAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6311ASGU Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS6311ASGU Datasheet HTML 1Page - List of Unclassifed Manufacturers MS6311ASGU Datasheet HTML 2Page - List of Unclassifed Manufacturers MS6311ASGU Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6311ASGU Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6311ASGU Datasheet HTML 5Page - List of Unclassifed Manufacturers MS6311ASGU Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOSA ELECTRONICS
MS6311
Stereo Audio DAC
- 1 -
www.mosanalog.com.tw
FEATURES
‧ Voltage Output
‧Easy application :
‧ Space saving package (SOP8)
single 2.7 to 5.5 rail power supply
‧ Low power consumption
output and bias current are proportional to supply voltage
‧ Low total harmonic distortion
integrated current-to-voltage converter
‧ Wide dynamic range(16-bit resolution)
‧ No zero crossing distortion
‧ Wide operating temperature range(-40℃ to 85℃)
‧ Internal bias current ensures maximum dynamic range
‧ Fast setting time permits 2*, 4*, and 8* oversampling(serial input) or double speed operation at 4* oversampling
‧ Compatible with most of the Japanese input formats; time multiplexed, two's complement, TTL
‧ The full scale output voltage can be mask optioned
‧ Cost efficient
APPLICATIONS
VCD Player, DVD Player, CD-ROM, DVD-ROM, CD-RW, DVD-RW, Motherboard.
DESCRIPTION
The MS6311 is a 16-bit voltage-output Digital-to-Analog Converter(DAC). The MS6311 is fabricated in a 0.8
µm
CMOS process and features extremely low power dissipation, small package size and easy application. The accuracy of
the matched coarse current sources, combined with the unique symmetrical decoding method, preclude zero-crossing
distortion and ensures high quality audio reproduction. These unique features, combined with its exceptional
performance, make the MS6311 ideally suited for use in digital audio equipment. MS6311 is pin and function
compatible with the Philips, TDA1311.
PINNING
Symbol
Pin
Description
BCK
1
bit clock input
WS
2
word select input
DATA
3
data input
GND
4
ground
VDD
5
positive supply voltage
VOL
6
left channel output
n.c.
7
not connected
VOR
8
right channel output
7
6
5
8
2
3
4
1
MS6311
VOR
n.c.
VOL
VDD
BCK
WS
DATA
GND
Pin configuration


Similar Part No. - MS6311ASGU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6311ASGU MOSA-MS6311ASGU Datasheet
169Kb / 6P
Stereo Audio DAC
MS6311ASGU MOSA-MS6311ASGU Datasheet
146Kb / 6P
16-Bits Stereo Audio DAC
More results

Similar Description - MS6311ASGU

ManufacturerPart #DatasheetDescription
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
STEREO AUDIO DAC
W6631CS WINBOND-W6631CS Datasheet
13Kb / 1P
STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
Stereo Audio DAC
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
Stereo Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
Audio Stereo DAC
PCM2704C TI1-PCM2704C_15 Datasheet
1Mb / 47P
Stereo Audio DAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com