Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6323ASMU Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MS6323ASMU
Description  16-Bits Stereo Audio DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6323ASMU Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MS6323ASMU Datasheet HTML 1Page - List of Unclassifed Manufacturers MS6323ASMU Datasheet HTML 2Page - List of Unclassifed Manufacturers MS6323ASMU Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6323ASMU Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6323ASMU Datasheet HTML 5Page - List of Unclassifed Manufacturers MS6323ASMU Datasheet HTML 6Page - List of Unclassifed Manufacturers MS6323ASMU Datasheet HTML 7Page - List of Unclassifed Manufacturers MS6323ASMU Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MOSA
MS6323
16-Bits Stereo Audio DAC
REV1
4
www.mosanalog.com.tw
2.7V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=2.7V, VSS=0V, f=1kHz, Cap=1uF; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
VCAP
Voltage at CAP
1.30
1.35
1.40
V
VDC
Output DC level
VFS=0.5VDD
1.30
1.35
1.40
V
VFS
Full scale output voltage
1.2
1.35
1.5
Vpp
IQ
Quiescent current
At code 0000H
-
1.9
2.2
mA
CAP=1uF, f=100Hz
45
49
-
dB
PSRR
Power supply rejection ratio
CAP=10uF, f=100Hz
63
68
-
dB
CS
Channel separation
77
83
-
dB
AC Characteristics
Res
Resolution
-
-
16
bits
-
-66
-62
dB
THD+N
Total harmonic distortion plus
noise
-
0.05
0.08
%
S/N
Signal-to-noise ratio
84
90
-
dB
TYPICAL PERFORMANCE CHARACTERISTICS
(Ta=25℃, f=1kHz, Cap=1uF; unless otherwise specified)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
FREQUENCY (Hz)
Quiescent current vs. supply voltage e
THD+N vs. supply voltage
Channel separation vs. frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR vs. frequency
PSRR vs. frequency
CAP=22uF
CAP=10uF
CAP=22uF
CAP=10uF
CAP=1uF
CAP=1uF
VDD=3.3V
VRR=-20dBV
VDD=2.7V
VRR=-20dBV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com