Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6323ASMU Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MS6323ASMU
Description  16-Bits Stereo Audio DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6323ASMU Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MS6323ASMU Datasheet HTML 1Page - List of Unclassifed Manufacturers MS6323ASMU Datasheet HTML 2Page - List of Unclassifed Manufacturers MS6323ASMU Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6323ASMU Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6323ASMU Datasheet HTML 5Page - List of Unclassifed Manufacturers MS6323ASMU Datasheet HTML 6Page - List of Unclassifed Manufacturers MS6323ASMU Datasheet HTML 7Page - List of Unclassifed Manufacturers MS6323ASMU Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MOSA
MS6323
16-Bits Stereo Audio DAC
REV1
5
www.mosanalog.com.tw
TIMING AND DATA FORMAT
The MS6323 accepts input serial data formats of 16-bit word length. Left and right data words are time
multiplexed. The MSB must always be first. The format of data input is shown in Figs. 2 and 3. With a HIGH level on
the word select input (WS), data is placed in the left input register and with LOW level on the WS input, data is placed
in the right register (Fig. 1). The data in the input registers are simultaneously latched in the output registers which
control the bit switches. Internal bias currents IBL and IBR are each added to the full scale output current IFS in order to
achieve the maximum dynamic range at the outputs of OP1 and OP2(Fig. 1). In this way the maximum dynamic range
is achieved over the entire power supply range.
RIGHT
WS
BCK
DATA
LSB
MSB
t
r
t
HB
t
f
t
cr
t
LB
t
HW
t
SW
LEFT
t
SD
t
HD
Fig.2
Timing and input signals.
0
1
2
15
14
13
210
MSB
LSB
15
14
13
210
MSB
LSB
RIGHT
LEFT
WS
BCK
DATA
Fig.3
Format of input signals.
Data format (BCK, WS, DATA)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input LOW level
-
-
0.3VDD
V
VIH
Input HIGH level
0.7VDD
-
-
V
l I IL l
Input Leakage Current LOW
-
-
10
µA
l I IH l
Input Leakage Current HIGH
-
-
10
µA
f
BCK
Input Clock Frequency
-
-
18.4
MHz
BR
Bit Rate Data Input
-
-
18.4
Mbits/s
f
WS
Word Select Input
-
-
384
kHz
t r
Rise Time
-
-
12
ns
t f
Fall Time
-
-
12
ns
t Cr
Bit Clock Cycle Time
54
-
-
ns
t HB
Bit Clock High Time
15
-
-
ns
t LB
Bit Clock Low Time
15
-
-
ns
t SD
Data Set-up Time
12
-
-
ns
t HD
Data Hold Time to Bit Clock
2
-
-
ns
t HW
Word Select Hold Time
2
-
-
ns
t SW
Word Select Set-up Time
12
-
-
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com