Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG4F Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DG4F
Description  Accommodates standard auto fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG4F Datasheet(HTML) 2 Page - American Electronic Components, inc

  DG4F Datasheet HTML 1Page - American Electronic Components, inc DG4F Datasheet HTML 2Page - American Electronic Components, inc DG4F Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact
material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
Options
D
G
4
F
-
7
0
2
1
-
6
-
-
Contact material
70
-
AgSnOInO
See coil table 1
Contact arrangement
21
-
SPST-NO (1N/O, 1 Form A)
Cover protection category
7
-
in cover, dust cover - IP54
9
-
mounting bracket dust cover
Connection mode
6
-
Flat Blades
Mounting Bracket Option
NIL -
No bracket
M1
-
Metal mounting bracket
Automotive Fuse
10
-
10A fuse
15
-
15A fuse
20
-
20A fuse
25
-
25A fuse
30
-
30A fuse
DG4F
mini plug-in automotive relay with fuse
Ref: DG4F 091010JHM
Coil Data
Table 1
Coil Voltage
Code
Nominal
Voltage
(VDC)
Coil Resistance (Ω) ±10%
Must
Operate
Voltage
Max. (VDC)
Allowable Voltage (VDC)*
Must
release
voltage min.
(VDC)
1 Form A
1 Form A
1006
6
20
3.9
7.8
1.2
1012
12
80
7.8
15.6
2.4
1024
24
320
15.6
31.2
4.8
* At ambient temperature of 85’C, maximum allowable voltage should be reduced by 28%
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com