Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG4F Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DG4F
Description  Accommodates standard auto fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG4F Datasheet(HTML) 1 Page - American Electronic Components, inc

  DG4F Datasheet HTML 1Page - American Electronic Components, inc DG4F Datasheet HTML 2Page - American Electronic Components, inc DG4F Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DG4F
mini plug-in automotive relay with fuse
Contacts
Contact number & arrangement
SPST-NO (1 Form A)
Contact material
AgSnOInO
Max. switching voltage
DC 75VDC (current dependent)
Min. switching current / voltage
100mA/12VDC
Rated load
DC1 30A/14VDC
Max. continuous current
DC1 30A/14VDC
Max. switching power
420W
Initial resistance
100mΩ
Coil
Rated voltage
DC 6, 12, 24V
Must release voltage
≥0.2Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 1.8W
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 550Vrms, 1min
contact to contact 550Vrms, 1min
General Data
Operating time (typical)
mS 7
Release time (typical)
mS 5
Electrical Life
ops 1 x 105 (see Note 2)
Mechanical life
ops 1 x 107
Dimensions
L x W x H 36 (max) x 25.2 x 47 (max) including bracket.
Weight
32g (with fuse)
Ambient temperature
storage -40 to 155°C
operating -40 to 125°C
Shock resistance
100m/sec2 for 11ms
Vibration resistance
DA 1.27mm 10-40Hz
• Industry Standard mini plug-in relay
• Accommodates standard auto fuses
• 30A Switching capability
• Optional mounting bracket
• RoHS Compliant
Ref: DG4F 091010JHM


Similar Part No. - DG4F

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG4F WILLOW-DG4F Datasheet
298Kb / 3P
mini plug-in automotive relay with fuse
DG4F-7021-76-M110 WILLOW-DG4F-7021-76-M110 Datasheet
298Kb / 3P
mini plug-in automotive relay with fuse
DG4F-7021-76-M115 WILLOW-DG4F-7021-76-M115 Datasheet
298Kb / 3P
mini plug-in automotive relay with fuse
DG4F-7021-76-M120 WILLOW-DG4F-7021-76-M120 Datasheet
298Kb / 3P
mini plug-in automotive relay with fuse
DG4F-7021-76-M125 WILLOW-DG4F-7021-76-M125 Datasheet
298Kb / 3P
mini plug-in automotive relay with fuse
More results

Similar Description - DG4F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PON25 COOPER-PON25 Datasheet
63Kb / 3P
Type P and D Fuses Standard Code Fuses
logo
Littelfuse
294C LITTELFUSE-294C Datasheet
242Kb / 1P
AUTO LINK PAL FUSES
logo
List of Unclassifed Man...
R9-NBC-PPAK-GP ETC2-R9-NBC-PPAK-GP Datasheet
1Mb / 3P
Accommodates up to 14" notebooks
logo
Total Power Internation...
TPES75 TOTAL-POWER-TPES75 Datasheet
421Kb / 2P
ACCOMMODATES UNIVERSAL AC SOURCES
logo
Maxim Integrated Produc...
MAX40110EVKIT MAXIM-MAX40110EVKIT Datasheet
770Kb / 7P
Accommodates Multiple Op Amp Configurations
319-100782; Rev 0; 6/21
MAX40108EVKIT MAXIM-MAX40108EVKIT Datasheet
404Kb / 7P
Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40018EVKIT MAXIM-MAX40018EVKIT Datasheet
935Kb / 8P
Accommodates Multiple Op-Amp Configurations
319-100130; Rev 0; 1/18
MAX44291EVKIT MAXIM-MAX44291EVKIT Datasheet
734Kb / 8P
Accommodates Multiple Op Amp Configurations
19-7521; Rev 0; 2/15
MAX44260EVKIT MAXIM-MAX44260EVKIT Datasheet
1Mb / 7P
Accommodates Multiple Op-Amp Configurations
19-5904; Rev 0; 6/11
MAX44246EVKIT MAXIM-MAX44246EVKIT Datasheet
1Mb / 8P
Accommodates Multiple Op-Amp Configurations
19-6509; Rev 0; 12/12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com