Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PL500
Description  PL500-15 Series 5mm LED Right Angle Modular Holder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PL500 Datasheet HTML 1Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 2Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 3Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 4Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 5Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 6Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 7Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PL500 -15 Series 5mm 12V LED Right Angle Modular Holder
Tel:
(719) 589 3122
Fax:
(719) 589 3592
www.p-tec.net
sales@p-tec.net
Features
*PL15 LED used for 3.8 mm Protrusion
(PL500-15 {Package)
*Modular Holder, 2 Protrusion Levels
*Modular Design makes it easy to Form Array
*Low Current, Super & Ultra Bright and
Bi-Color available
*Available with Integrated Current Limiting
Resistor for 5V Operation
*High Light Output
*Housing Material Black Nylon UL94V-0
*Color Transparent (CT) Water Clear (WC)
White Diffused (WD) Lens available
*Ideal PC Board Indicator
Absolute Maximum Ratings at TA = 25 °C
Reverse Voltage (<100µA)...……...…...……..………………………………………..5.0V
Max Forward Current …………..………….……….……..………………………30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) ………………..….…........…....100mA
Operating Temperature Range……………..……………………..….....-25°C to + 85°C
Storage Temperature Range……………..……………….....…….….... -25°C to +100°C
Soldering Temperature (1.6 mm below body)…………………. ………....………260° for 5 seconds
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Emitting
Color
Material
Peak
Wave
Length
View
Angle
2
θ ½
Forward Voltage
@20mA (V)
PL50015-1R24-12V
PL50015-1R12-12V
PL50015-1G13-12V
PL50015-1Y01-12V
PL50015-1A02-12V
PL50015-1O12-12V
Bright Red
High Eff Red
High Eff Green
Yellow
Amber
Orange
GaP
GaAsP on Gap
GaP
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
700
635
567
585
610
635
38°
12.0
12.0
12.0
12.0
12.0
12.0
15.0
15.0
15.0
15.0
15.0
15.0
2.5
14.0
12.0
9.9
14.0
14.0
4.1
23.2
20.0
16.4
23.2
23.2
Lumious
Intensity
@20mA (mcd)
Lens Color Diffused
(nm)
Deg
Typ
Typ
Max
Max
Package Dimensions are in Millimeters . Tolerance is ± 0.25mm unless otherwise specified.
0.5 Square
6.3
6.3
0.4
0.45
2.54
5.08± 0.5
3.8± 0.5
3.5± 0.5
Cathode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com