Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL500 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PL500
Description  PL500-15 Series 5mm LED Right Angle Modular Holder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL500 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PL500 Datasheet HTML 1Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 2Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 3Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 4Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 5Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 6Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 7Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL500 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PL500 -15 Series 5mm Low Current LED Right Angle Modular Holder
Tel:
(719) 589 3122
Fax:
(719) 589 3592
www.p-tec.net
sales@p-tec.net
Features
*PL15 LED used for 3.8 mm Protrusion
*Modular Holder, 2 Protrusion Levels
*Modular Design makes it easy to Form Array
*Standard, Super & Ultra Bright and
Bi-Color available
*Available with Integrated Current Limiting
Resistor for 5V and 12V Operation
*High Light Output
*Housing Material Black Nylon UL94V-0
*Color Transparent (CT) Water Clear (WC)
White Diffused (WD) Lens available
*Ideal PC Board Indicator
Absolute Maximum Ratings at TA = 25 °C
Reverse Voltage (<100µA)...……...…...……..………………………………………..5.0V
Max Forward Current …………..………….……….……..………………………30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) ………………..….…........…....100mA
Operating Temperature Range……………..……………………..….....-25°C to + 85°C
Storage Temperature Range……………..……………….....…….….... -25°C to +100°C
Soldering Temperature (1.6 mm below body)…………………. ………....………260° for 5 seconds
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Emitting
Color
Material
Peak
Wave
Length
View
Angle
2
θ ½
Forward Voltage
@2mA (V)
PL50015-1R12-LC
PL50015-1G13-LC
PL50015-1Y01-LC
PL50015-1O12-LC
High Eff Red
High Eff Green
Yellow
Orange
GaAsP on Gap
GaP
GaAsP on GaP
GaAsP on GaP
635
567
585
635
38°
1.8
1.8
1.8
1.8
2.2
2.2
2.2
2.2
1.5
1.3
1.1
1.5
2.6
2.2
1.8
2.6
Lumious
Intensity
@2mA (mcd)
Lens Color Diffused
(nm)
Deg
Typ
Typ
Max
Max
Package Dimensions are in Millimeters . Tolerance is ± 0.25mm unless otherwise specified.
0.5 Square
6.3
6.3
0.4
0.45
2.54
5.08± 0.5
3.8± 0.5
3.5± 0.5
Cathode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com