Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM62 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM62
Description  2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM62 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM62 Datasheet HTML 1Page - National Semiconductor (TI) LM62 Datasheet HTML 2Page - National Semiconductor (TI) LM62 Datasheet HTML 3Page - National Semiconductor (TI) LM62 Datasheet HTML 4Page - National Semiconductor (TI) LM62 Datasheet HTML 5Page - National Semiconductor (TI) LM62 Datasheet HTML 6Page - National Semiconductor (TI) LM62 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1.0 Mounting (Continued)
The table shown in
Figure 3 summarizes the rise in die tem-
perature of the LM62 without any loading, and the thermal
resistance for different conditions.
2.0 Capacitive Loads
The LM62 handles capacitive loading well. Without any spe-
cial precautions, the LM62 can drive any capacitive load as
shown in
Figure 4. Over the specified temperature range the
LM62 has a maximum output impedance of 4.7 k
Ω.Inanex-
tremely noisy environment it may be necessary to add some
filtering to minimize noise pickup. It is recommended that
0.1 µF be added from +V
S to GND to bypass the power sup-
ply voltage, as shown in
Figure 5. In a noisy environment it
may be necessary to add a capacitor from the output to
ground. A 1 µF output capacitor with the 4.7 k
Ω maximum
output impedance will form a 34 Hz lowpass filter. Since the
thermal time constant of the LM62 is much slower than the
30 ms time constant formed by the RC, the overall response
time of the LM62 will not be significantly affected. For much
larger capacitors this additional time lag will increase the
overall response time of the LM62.
SOT-23
SOT-23
no heat sink
small heat fin
(Note 13)
(Note 12)
θ
JA
T
J −TA
θ
JA
T
J −TA
(˚C/W)
(˚C)
(˚C/W)
(˚C)
Still air
450
0.17
260
0.1
Moving
air
180
0.07
Note 12: Heat sink used is 12" square printed circuit board with 2 oz. foil with
part attached as shown in
Figure 2 .
Note 13: Part soldered to 30 gauge wire.
FIGURE 3. Temperature Rise of LM62 Due to
Self-Heating and Thermal Resistance (
θ
JA)
DS100893-15
FIGURE 4. LM62 No Decoupling Required for
Capacitive Load
DS100893-16
FIGURE 5. LM62 with Filter for Noisy Environment
DS100893-17
FIGURE 6. Simplified Schematic
www.national.com
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com