Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM62 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM62
Description  2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM62 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM62 Datasheet HTML 1Page - National Semiconductor (TI) LM62 Datasheet HTML 2Page - National Semiconductor (TI) LM62 Datasheet HTML 3Page - National Semiconductor (TI) LM62 Datasheet HTML 4Page - National Semiconductor (TI) LM62 Datasheet HTML 5Page - National Semiconductor (TI) LM62 Datasheet HTML 6Page - National Semiconductor (TI) LM62 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
+12V to −0.2V
Output Voltage
(+V
S + 0.6V) to
−0.6V
Output Current
10 mA
Input Current at any pin (Note 2)
5 mA
Storage Temperature
−65˚C to +150˚C
Maximum Junction Temperature (T
JMAX)
+125˚C
ESD Susceptibility (Note 3) :
Human Body Model
2500V
Machine Model
250V
Lead Temperature:
SOT Package (Note 4) :
Vapor Phase (60 seconds)
+215˚C
Infrared (15 seconds)
+220˚C
Operating Ratings(Note 1)
Specified Temperature Range:
T
MIN ≤ TA ≤ TMAX
LM62B, LM62C
0˚C
≤ T
A ≤ +90˚C
Supply Voltage Range (+V
S)
+2.7V to +10V
Thermal Resistance,
θ
JA(Note 5)
450˚C/W
Electrical Characteristics
Unless otherwise noted, these specifications apply for +V
S = +3.0 VDC. Boldface limits apply for TA = TJ = TMIN to TMAX ; all
other limits T
A = TJ = 25˚C.
Parameter
Conditions
Typical
(Note 6)
LM62B
LM62C
Units
(Limit)
Limits
Limits
(Note 7)
(Note 7)
Accuracy (Note 8)
±2.0
±3.0
˚C (max)
+2.5/−2.0
+4.0/−3.0
˚C (max)
Output Voltage at 0˚C
+480
mV
Nonlinearity (Note 9)
±0.8
±1.0
˚C (max)
Sensor Gain
+16
+16.1
+16.3
mV/˚C (max)
(Average Slope)
+15.1
+14.9
mV/˚C (min)
Output Impedance
+3.0V
≤ +V
S ≤ +10V
4.7
4.7
k
Ω (max)
0˚C
≤ T
A ≤ +75˚C, +VS= +2.7V
4.4
4.4
k
Ω (max)
Line Regulation (Note 10)
+3.0V
≤ +V
S ≤ +10V
±1.13
±1.13
mV/V (max)
+2.7V
≤ +V
S ≤ +3.3V, 0˚C ≤ TA ≤ +75˚C
±9.7
±9.7
mV (max)
Quiescent Current
+2.7V
≤ +V
S ≤ +10V
82
130
130
µA (max)
165
165
µA (max)
Change of Quiescent Current
+2.7V
≤ +V
S ≤ +10V
±5µA
Temperature Coefficient of
0.2
µA/˚C
Quiescent Current
Long Term Stability (Note 11)
T
J=TMAX=+100˚C,
for 1000 hours
±0.2
˚C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed speci-
fications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions.
Note 2: When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > +VS), the current at that pin should be limited to 5 mA.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged di-
rectly into each pin.
Note 4: See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titled “Surface Mount” found in any post 1986 National Semi-
conductor Linear Data Book for other methods of soldering surface mount devices.
Note 5: The junction to ambient thermal resistance (
θJA) is specified without a heat sink in still air.
Note 6: Typicals are at TJ = TA = 25˚C and represent most likely parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Accuracy is defined as the error between the output voltage and +15.6 mV/˚C times the device’s case temperature plus 480 mV, at specified conditions of
voltage, current, and temperature (expressed in ˚C).
Note 9: Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the device’s rated temperature
range.
Note 10: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating effects can be com-
puted by multiplying the internal dissipation by the thermal resistance.
Note 11: For best long-term stability, any precision circuit will give best results if the unit is aged at a warm temperature, and/or temperature cycled for at least 46
hours before long-term life test begins. This is especially true when a small (Surface-Mount) part is wave-soldered; allow time for stress relaxation to occur. The ma-
jority of the drift will occur in the first 1000 hours at elevated temperatures. The drift after 1000 hours will not continue at the first 1000 hour rate.
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com