Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9171 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9171
Description  Single and dual output models with up to 210W output power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9171 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9171 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9171 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9171 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9171 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9171 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9171 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Programmable Dual-Range DC Power Supplies
9170 & 9180 series
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2014
The 9170/9180 series programmable DC power
supplies offer industry leading performance,
designed to meet the most demanding
applications in R&D, design verification, and
production test. All nine models deliver clean,
stable and precise output power due to their
exceptionally low ripple and noise, low
temperature coefficient, excellent regulation,
and fast transient response time characteristics.
These power supplies are well suited for both
bench use and ATE applications. For bench use,
these power supplies offer an intuitive user
interface with a full numerical keypad for
convenient data entry. R&D and design engineers
will appreciate front panel output and remote
sense terminals (available on select models). Free
application software is provided for remote
control without the need for any computer
programming. USB and optional GPIB/LAN
interfaces combined with a fast transient response
time, make this series ideal for ATE applications.
Additionally, this series offers unique features
not typically found in other power sources on
the market, such as versatile LED test modes,
Features & Benefits
I
Single and dual output models with up to
210W output power
I
Dual range output with automatic range
selection*
I
Programmable voltage and current slew rates
I
Front and rear panel output terminals for
convenient wiring
I
Rear panel remote sense terminal (additional
front panel remote sense terminal on select
single channel models*)
I
List mode for executing up to 10 stored test
sequences with a maximum of 150 steps in
total
I
Store and recall up to 10 power settings
I
SCPI compliant USB standard interface,
RS232, GPIB & LAN, RS485 optional
(Installation through modular interface slots)
I
Remote analog programming interface (option)
I
Unique LED test modes for minimizing inrush
current
I
Application software for remote control
I
Overvoltage (OVP) and overcurrent (OCP)
protection, including key-lock function
I
Convenient voltage and current calibration via
front panel
I
LabVIEWTM drivers available for download
Outstanding performance combined with unique features
* Except for high voltage models 9184 and 9185.
Output Rating
No. of
Outputs
Model
0-10 V, 0-10 A / 0-20 V, 0-5 A
1
9171
0-35 V, 0-3 A / 0-70 V, 0-1.5 A
1
9172
0-10 V, 0-10 A / 0-20 V, 0-5 A
2
9173
0-35 V, 0-3 A / 0-70 V, 0-1.5 A
2
9174
0-18 V, 0-8 A / 0-36 V, 0-4 A
1
9181
0-10 V, 0-20 A / 0-20 V, 0-10 A
1
9182
0-35 V, 0-6 A / 0-70 V, 0-3 A
1
9183
0-100 V, 0-2 A / 0-200 V, 0-1 A
1
9184
0-400 V, 0-0.5 A / 0-600 V, 0-0.35 A
1
9185
modular interface card slots, automatic range
selection, and an optional 8-bit bidirectional
digital I/O interface.
To protect your DUT (device under test), the
9170/9180 series provides safety options such
as OVP, OCP, and a key-lock feature to prevent
accidental change of parameters that might
damage your DUT. Built for reliability, the
supplies are also backed by a 3 year warranty.


Similar Part No. - 9171

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
9171 BK-9171 Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
logo
Heyco.
9171 HEYCO-9171 Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
Meder Electronic
9171000012 MEDER-9171000012 Datasheet
73Kb / 2P
Reed sensor
9171000032 MEDER-9171000032 Datasheet
73Kb / 2P
Reed Switch
logo
Molex Electronics Ltd.
91714-0004 MOLEX2-91714-0004 Datasheet
1Mb / 20P
1.27mm IDT Connector System for Ribbon Cable Applications
More results

Similar Description - 9171

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HEC50 ETC-HEC50 Datasheet
122Kb / 2P
SINGLE OUTPUT UP TO 15A
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
Single Output UHP Models
BCP-5-3.3-D24 ETC1-BCP-5-3.3-D24 Datasheet
240Kb / 12P
Dual Output Mixed Voltage, BCP Models
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
Dual Output Mixed Voltage, DSM Models
logo
Mean Well Enterprises C...
S-210 MEANWELL-S-210 Datasheet
274Kb / 2P
210W Single Output Swithching Power Supply
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
Dual Output Mixed Voltage, DLV Models
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
Single Output USQ 30A Models
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
Single Output UEP Models
logo
Omron Electronics LLC
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
Dual Output A-Series, BWR Models
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com