Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954101YGLFT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS954101YGLFT
Description  Programmable Timing Control Hub for Desktop P4 Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954101YGLFT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS954101YGLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS954101
0815D—06/21/04
ICS954101 follows Intel CK410 Yellow Cover specification. This clock synthesizer provides a single chip solution for next
generation P4 Intel processors and Intel chipsets. ICS954101 is driven with a 14.318MHz crystal. It generates CPU outputs up
to 400MHz. It also provides a tight ppm accuracy output for Serial ATA and PCI-Express support.
General Description
Block Diagram
Power Groups
I REF
PLL2
Frequency
Dividers
Programmable
Spread
PLL1
Programmable
Frequency
Dividers
STOP
Logic
48MHz, USB
X1
X2
XTAL
SDATA
SCLK
Vtt_PWRGD#/PD
FS_A
FS_B
FS_C
ITP_EN
TEST_MODE
TEST_SEL
Control
Logic
REFOUT
CPUCLKT (2:0)
CPUCLKC (2:0)
SRCCLKT (7:0)
SRCCLKC (7:0)
PCICLK (5:0)
PCICLKF (2:0)
96MHz_DOTT_0
96MHz_DOTC_0
VDD
GND
48
51
Xtal, Ref
1,7
2,6
PCICLK outputs
21,28,34
29
SRCCLK outputs
37
38
Master clock, CPU Analog
11
13
DOT, USB, PLL_48
42
45
CPUCLK clocks
Description
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com