Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954101YGLFT Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS954101YGLFT
Description  Programmable Timing Control Hub for Desktop P4 Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954101YGLFT Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS954101YGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 9Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 10Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 11Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 12Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Integrated
Circuit
Systems, Inc.
ICS954101
0815D—06/21/04
Electrical Characteristics - PCICLK/PCICLK_F
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm1,2
33.33MHz output nominal
29.99100
30.00900
ns
2
33.33MHz output spread
29.99100
30.15980
ns
2
33.33MHz output nominal
29.49100
30.50900
ns
2
33.33MHz output spread
29.49100
30.65980
ns
2
Clk High Time
th1
12
N/A
ns
1
Clock Low Time
tl1
12
N/A
ns
1
Output High Voltage
VOH
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
V OH @MIN = 1.0 V
-33
mA
VOH@ MAX = 3.135 V
-33
mA
VOL @ MIN = 1.95 V
30
mA
VOL @ MAX = 0.4 V
38
mA
Edge Rate
Rising edge rate
1
4
V/ns
1
Edge Rate
Falling edge rate
1
4
V/ns
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
2
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Skew
tsk1
VT = 1.5 V
500
ps
1
Jitter
tjcyc-cyc
VT = 1.5 V
500
ps
1
1Guaranteed by design, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFoutput is at 14.31818MHz
Clock period
Tperiod
Output High Current
IOH
Output Low Current
IOL
Absolute Min/Max Clock
period
Tabs
Electrical Characteristics - USB_48MHz
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS Notes
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm1,2
Clock period
Tperiod
48.0000MHz output nominal
20.82570
20.83400
ns
2
Absolute Min/Max Clock
period
Tabs
Nominal
20.48125
21.18542
ns
2
Clk High Time
th1
8.094
10.036
ns
1
Clock Low Time
tl1
7.694
9.836
ns
1
V OH @ MIN = 1.0 V
-33
mA
VOH@ MAX = 3.135 V
-33
mA
VOL @MIN = 1.95 V
30
mA
VOL @ MAX = 0.4 V
38
mA
Edge Rate
Rising edge rate
1
2
V/ns
1
Edge Rate
Falling edge rate
1
2
V/ns
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
11.43
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
11.33
2
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
48
55
%
1
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
350
ps
1
1Guaranteed by design, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFoutput is at 14.31818MHz
Output Low Current
IOL
Output High Current
IOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com