Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM44 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DM44
Description  pcb power relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DM44 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DM44 Datasheet HTML 1Page - American Electronic Components, inc DM44 Datasheet HTML 2Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DM44
pcb power relay
Ref: DM44 090314JHM
Coil Data (DC voltage)
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω)
±10%
Must operate voltage
max. (VDC)
Must release voltage
min. (VDC)
10031
3
17
2.25
0.3
1005
5
47
3.75
0.5
1006
6
68
4.50
0.6
1009
9
150
6.75
0.9
1012
12
270
9.00
1.2
1024
24
1100
18.00
2.4
1048
48
4400
36.00
4.8
1
3VDC Coil not UL approved
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 2 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Dimensions
Bottom view
Dimensions in mm
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
M
4
4
-
3
0
2
1
-
3
5
-
Contact material
See Table 1
30
-
AgSnO
2
Contact arrangement
11
-
SPDT (1C/O)
21
-
SPST-NO (1N/O)
Cover protection category
3
-
in cover, sealed - IP67
Connection mode
5
-
for PCB
5
0.60*0.60
0.3
0.3
29. 2
20.2
2
6-
1. 5
1
1
12.8
0.3
0.55*0.55
0.5
29.2
0.3
15.2
5
5
Specifications are subject to change without notice. E&OE.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com