Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM44 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DM44
Description  pcb power relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DM44 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DM44 Datasheet HTML 1Page - American Electronic Components, inc DM44 Datasheet HTML 2Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DM44
pcb power relay
Contacts
Contact number & arrangement
SPST-NO (1 N/O), SPDT (1 C/O)
Contact material
AgSnO
2
Max. switching voltage
AC/DC 277VAC / 30VDC
Min. switching current / voltage
1mA/1VDC
Rated load
AC1 16A, 277VAC
DC1 16A, 30VDC
Initial resistance
≤ 50mΩ, max. at 1A/6VDC
Coil
Rated voltage
DC 3...48V
Must release voltage
DC ≥ 0.1Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 0.54W
Insulation
Insulation resistance
≤ 1000MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 5000Vrms, 1min
contact to contact 1000Vrms, 1min
General Data
Operating time (typical, excluding bounce)
mS ≤ 10ms
Release time (typical, excluding bounce)
mS ≤ 8ms
Electrical Life
ops ≥ 1 x 105, at 105°C (Note 1)
Maximium operating frequency
Electrical: 30 ops/min / Mechanical: 300 ops/min
Mechanical life
ops ≥ 1 x 107
Dimensions
L x W x H 29.2 x 12.8 x 20.6mm
Weight
13g
Ambient temperature
storage -40 to 105°C
operating -30 to 105°C
Humidity
RH 45 - 85%
Shock resistance
Functional: 98.1m/s2; Destructive: 981m/s2
Vibration resistance
DA 1.5mm 10-55Hz
Note 1: Electrical life at 105’C, 16A/230VAC Resistive, 5s ON / 5s OFF
• miniature pcb power relay
• Up to 16A /277VAC rating SPST-NO
• Industry standard style
• 105°C Ambient operating temperature
• RoHS Compliant
• TV-8, 1HP/240VAC
Ref: DM44 090314JHM
Approvals pending
E470733
Specifications are subject to change without notice. E&OE.


Similar Part No. - DM44

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DM44 WILLOW-DM44 Datasheet
236Kb / 2P
pcb power relay
logo
Solid State Supplies.
DM44-3011-35-1003 DURAKOOL-DM44-3011-35-1003 Datasheet
728Kb / 2P
PCB Power Relay
DM44-3011-35-1005 DURAKOOL-DM44-3011-35-1005 Datasheet
728Kb / 2P
PCB Power Relay
DM44-3011-35-1006 DURAKOOL-DM44-3011-35-1006 Datasheet
728Kb / 2P
PCB Power Relay
DM44-3011-35-1009 DURAKOOL-DM44-3011-35-1009 Datasheet
728Kb / 2P
PCB Power Relay
More results

Similar Description - DM44

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G2R-K-1AZ4-TE OMRON-G2R-K-1AZ4-TE Datasheet
2Mb / 14P
PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com