Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC0 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DTC0
Description  ultra miniature pcb power relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DTC0 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DTC0 Datasheet HTML 1Page - American Electronic Components, inc DTC0 Datasheet HTML 2Page - American Electronic Components, inc DTC0 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
T
C
-
1
1
-
5
-
-
0
-
Standard
0B
-
Alternate
footprint
Contact material
see Tables 1, 2 & 3
20
-
AgNi0.15
23
-
AgNi0.15 + Au plated
Contact arrangement
11
-
SPDT (1 C/O)
Cover protection category
2
-
in cover, flux tight - IP40
3
-
in cover, sealed - IP67
Connection mode
5
-
for PCB
Contact current rating
1
-
1A (recommended with AgNi0.15 + Au plated contacts), 3A max.
3
-
3A (with AgNi0.15 contacts)
5
-
5A (450mW Coil Table 3 only) Not suitable for AgNi0.15 + Au contact material
DTC0
ultra miniature pcb power relay
Ref: DTCO 100710JHM
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Coil Data (200mW)
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω) ±10%
Must operate voltage max.
(VDC)
Must release voltage min.
(VDC)
S003
3
45
2.25
0.3
S005
5
120
3.75
0.5
S006
6
180
4.50
0.6
S009
9
440
6.85
0.9
S012
12
700
9.00
1.2
S024
24
2800
18.00
2.4
Coil Data (360mW) - Standard
Table 2
1003
3
25
2.25
0.3
1005
5
70
3.75
0.5
1006
6
100
4.50
0.6
1009
9
220
6.85
0.9
1012
12
400
9.00
1.2
1024
24
1600
18.00
2.4
Coil Data (450mW - 5A Contacts)
Table 3
H003
3
20
2.25
0.3
H005
5
56
3.75
0.5
H006
6
80
4.50
0.6
H009
9
180
6.85
0.9
H012
12
320
9.00
1.2
H024
24
1280
18.00
2.4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com