Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC0 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DTC0
Description  ultra miniature pcb power relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DTC0 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DTC0 Datasheet HTML 1Page - American Electronic Components, inc DTC0 Datasheet HTML 2Page - American Electronic Components, inc DTC0 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DTC0
ultra miniature pcb power relay
Contacts
Contact number & arrangement
SPDT ( 1 Changeover); 1 Form C
Contact material
AgNi0.15; AgNi0.15 + Au plated
Max. switching voltage
AC/DC 120VAC, 24VDC
Min. switching current / voltage
1mA/1VDC
Rated load
AC1 1A (Au plated), 3A, 120VAC (0.2 / 0.36W Coil); 5A, 120VAC (0.45W Coil)
DC1 1A (Au plated), 3A, 24VDC (0.2 / 0.36W Coil); 5A, 24VDC (0.45W Coil)
Initial resistance
100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 3...24V
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil tables 1, 2 & 3
Rated power consumption
DC 0.2W (table 1) / 0.36W (table 2) / 0.5W (table 3)
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 1250Vrms, 1min
contact to contact 500Vrms, 1min / 750Vrms, 1min 0.45W coil version
General Data
Operating time (typical)
mS 5
Release time (typical)
mS 5
Electrical Life
ops 1 x 105
Mechanical life
ops 1 x 107
Dimensions
L x W x H 16 x 11 x 11.5mm
Weight
4g
Ambient temperature
storage -25 to 55°C
operating -25 to 55°C
Shock resistance
Functional: 10g 11mS; Destructive: 100g
Vibration resistance
DA 1.5mm 10-55Hz
• Ultra miniature - only 16 x 11 x 11.5mm
• Up to 5A /24VDC rating
• DIL Pitch PCB mounting
• Cost effective
• RoHS Compliant
Ref: DTCO 100710JHM


Similar Part No. - DTC0

ManufacturerPart #DatasheetDescription
logo
Solid State Supplies.
DTC0-2011-25-1003-1 DURAKOOL-DTC0-2011-25-1003-1 Datasheet
874Kb / 3P
Ultra Miniature PCB Signal Power Relay
DTC0-2011-25-1003-3 DURAKOOL-DTC0-2011-25-1003-3 Datasheet
874Kb / 3P
Ultra Miniature PCB Signal Power Relay
DTC0-2011-25-1003-5 DURAKOOL-DTC0-2011-25-1003-5 Datasheet
874Kb / 3P
Ultra Miniature PCB Signal Power Relay
DTC0-2011-25-1005-1 DURAKOOL-DTC0-2011-25-1005-1 Datasheet
874Kb / 3P
Ultra Miniature PCB Signal Power Relay
DTC0-2011-25-1005-3 DURAKOOL-DTC0-2011-25-1005-3 Datasheet
874Kb / 3P
Ultra Miniature PCB Signal Power Relay
More results

Similar Description - DTC0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YH507 ETC1-YH507 Datasheet
709Kb / 2P
Ultra-miniature PCB Telecom Relay
logo
Omron Electronics LLC
G8N-1 OMRON-G8N-1 Datasheet
251Kb / 6P
Ultra-Miniature Automotive PCB Relay
G8ND-2 OMRON-G8ND-2 Datasheet
542Kb / 6P
Ultra-Miniature Automotive PCB Relay
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
Ultra-Miniature Automotive PCB Relay
G8N1HDC12SK OMRON-G8N1HDC12SK Datasheet
251Kb / 6P
Ultra-Miniature Automotive PCB Relay
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
ultra miniature pcb signal relay
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
Ultra Slim Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG20 WILLOW-DG20 Datasheet
215Kb / 2P
ultra miniature automotive pcb relay
DG60 WILLOW-DG60 Datasheet
444Kb / 3P
ultra miniature pcb automotive relay
logo
Omron Electronics LLC
G8N1 OMRON-G8N1 Datasheet
139Kb / 6P
Ultra-Miniature Automotive PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com