Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC2 Datasheet(PDF) 3 Page - American Electronic Components, inc

Part # DTC2
Description  subminiature pcb signal relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DTC2 Datasheet(HTML) 3 Page - American Electronic Components, inc

  DTC2 Datasheet HTML 1Page - American Electronic Components, inc DTC2 Datasheet HTML 2Page - American Electronic Components, inc DTC2 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Reference Curves
Fig. 3
Wiring Diagram (Bottom View)
DTC2
subminiature pcb signal relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
PCB Mounting Dimensions
Fig. 2
Specifications are subject to change without notice. E&OE.
All dimensions in mm
Ref: DTC2 072116JHM
24VDC
0
1
2
3
Load Current (A)
120VAC
100
30
10
1
Life Expectancy
Max. Switching Power
AC
DC
10μA
100mA
1A
10A
Load Current
1000
100
10
1
7.62
5.08
5.08
8 x Ø 1
0.6
21
0.3
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com