Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC2 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DTC2
Description  subminiature pcb signal relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DTC2 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DTC2 Datasheet HTML 1Page - American Electronic Components, inc DTC2 Datasheet HTML 2Page - American Electronic Components, inc DTC2 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DTC2
subminiature pcb signal relay
Contacts
Contact number & arrangement
DPDT ( 2 Changeover); 2 Form C
Contact material
Ag + Au plate (2um)
Max. switching voltage
AC/DC 120VAC, 30VDC
Min. switching current / voltage
1mA/1VDC
Rated load (resistive - cos φ=1)
AC1 1A, 120VAC
DC1 2A, 24VDC
Max. switching power
120VA / 48W
Initial resistance
≤ 100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 3...48V
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 0.20W / 0.36W, 48V
Insulation
Insulation resistance
≥100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 1000Vrms, 1min
contact to contact 500Vrms, 1min
General Data
Operating time (typical)
mS 8mS, 0.2W / 6mS, 0.36W
Release time (typical)
mS 4
Electrical Life (resistive 1800ops/hr)
ops 1 x 105
Mechanical life (18000ops/hr)
ops 1 x 107
Dimensions
L x W x H 21 x 10 x 11.6mm
Weight
≤ 4.8g
Ambient temperature
storage -30 to 80°C
operating -30 to 80°C
Shock resistance
Functional: 10g 11mS; Destructive: 100g
Vibration resistance
DA 1.5mm 10-55Hz
• subminiature - only 21 x 10.x 11.6mm
• Up to 2A /30VDC rating
• DIL Pitch PCB mounting
• Cost effective
• RoHS Compliant
Ref: DTC2 072116JHM
Specifications are subject to change without notice. E&OE.


Similar Part No. - DTC2

ManufacturerPart #DatasheetDescription
logo
Solid State Supplies.
DTC2-8212-85-S003 DURAKOOL-DTC2-8212-85-S003 Datasheet
438Kb / 2P
Sub Miniature PCB Signal Power Relay
DTC2-8212-85-S005 DURAKOOL-DTC2-8212-85-S005 Datasheet
438Kb / 2P
Sub Miniature PCB Signal Power Relay
DTC2-8212-85-S009 DURAKOOL-DTC2-8212-85-S009 Datasheet
438Kb / 2P
Sub Miniature PCB Signal Power Relay
DTC2-8212-85-S012 DURAKOOL-DTC2-8212-85-S012 Datasheet
438Kb / 2P
Sub Miniature PCB Signal Power Relay
DTC2-8212-85-S024 DURAKOOL-DTC2-8212-85-S024 Datasheet
438Kb / 2P
Sub Miniature PCB Signal Power Relay
More results

Similar Description - DTC2

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
logo
American Electronic Com...
DTC3 AEC-DTC3 Datasheet
254Kb / 3P
subminiature pcb signal relay
logo
Picker Components
PC312 PICKER-PC312_17 Datasheet
565Kb / 2P
Subminiature PCB Signal Relay
PC312B PICKER-PC312B_17 Datasheet
565Kb / 2P
Subminiature PCB Signal Relay
PC322 PICKER-PC322_17 Datasheet
617Kb / 2P
Subminiature PCB Signal Relay
logo
Hongfa Technology
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com