Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1ARZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4077-1ARZ-R7
Description  4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4077-1ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
Rev. D | Page 3 of 25
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS, ±5 V
VSY = ±5.0 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
V
OS
ADA4077-1/ADA4077-2
B Grade, SOIC
10
25
µV
−40°C < T
A < +125°C
65
µV
A Grade, SOIC
15
50
µV
−40°C < T
A < +125°C
105
µV
A Grade, MSOP
50
90
µV
−40°C < T
A < +125°C
220
µV
ADA4077-4
A Grade, SOIC
15
50
µV
−40°C < T
A < +125°C
105
µV
A Grade, TSSOP
15
120
µV
−40°C < T
A < +125°C
220
µV
Offset Voltage Drift
∆V
OS/∆T
−40°C < T
A < +125°C
ADA4077-1/ADA4077-2
B Grade, SOIC
0.1
0.25
µV/°C
A Grade, SOIC
0.25
0.55
µV/°C
A Grade, MSOP
0.5
1.2
µV/°C
ADA4077-4
A Grade, SOIC
0.4
0.75
µV/°C
A Grade, TSSOP
0.5
1.2
µV/°C
Input Bias Current
I
B
−1
−0.4
+1
nA
−40°C < T
A < +125°C
−1.5
+1.5
nA
Input Offset Current
I
OS
−0.5
+0.1
+0.5
nA
−40°C < T
A < +125°C
−1
+1
nA
Input Voltage Range
−3.8
+3
V
Common-Mode Rejection Ratio
CMRR
V
CM = −3.8 V to +3 V
122
140
dB
V
CM = −3.8 V to +3 V, −40°C < TA < +85°C
120
dB
V
CM = −3.8 V to +2.8 V, 85°C < TA < 125°C
120
dB
Large Signal Voltage Gain
Av
R
L = 2 kΩ, VO = −3.0 V to +3.0 V
121
130
dB
−40°C < T
A < +125°C
120
dB
Input Capacitance
C
INCM
Common mode
5
pF
Input Resistance
R
IN
Common mode
70
GΩ
OUTPUT CHARACTERISTICS
Output Voltage High
V
OH
I
L = 1 mA
3.8
V
−40°C < T
A < +125°C
3.7
V
Output Voltage Low
V
OL
I
L = 1 mA
−3.8
V
−40°C < T
A < +125°C
−3.7
V
Output Current
I
OUT
V
DROPOUT < 1.6 V
±10
mA
Short-Circuit Current
I
SC
T
A = 25°C
22
mA
Closed-Loop Output Impedance
Z
OUT
f = 1 kHz, A
V = +1
0.05
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = ±2.5 V to ±18 V
123
128
dB
−40°C < T
A < +125°C
120
dB
Supply Current per Amplifier
I
SY
V
O = 0 V
400
450
µA
−40°C < T
A < +125°C
650
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com