Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1ARZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4077-1ARZ-R7
Description  4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADA4077-1ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADA4077-1/ADA4077-2/ADA4077-4
Data Sheet
Rev. D | Page 2 of 25
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Pin Connection Diagrams............................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics, ±5 V .................................................. 3
Electrical Characteristics, ±15 V ................................................ 5
Absolute Maximum Ratings ....................................................... 7
Thermal Resistance ...................................................................... 7
ESD Caution...................................................................................7
Pin Configurations and Function Descriptions............................8
Typical Performance Characteristics ........................................... 11
Theory of Operation ...................................................................... 21
Applications Information .............................................................. 22
Output Phase Reversal............................................................... 22
Low Power Linearized RTD...................................................... 22
Proper Board Layout.................................................................. 22
Outline Dimensions....................................................................... 23
Ordering Guide .......................................................................... 25
REVISION HISTORY
10/2016—Rev. C to Rev. D
Changes to Table 2............................................................................ 3
Changes to Table 3............................................................................ 5
Changes to Figure 19...................................................................... 12
Changes to Figure 23 and Figure 26............................................. 13
Changes to Figure 29, Figure 30, Figure 32, and Figure 33 ...... 14
6/2015—Rev. B to Rev. C
Change to Figure 63 ....................................................................... 18
1/2014—Rev. A to Rev. B
Added ADA4077-1.............................................................Universal
Changes to Features Section............................................................ 1
Added Figure 1; Renumbered Sequentially .................................. 1
Changes to Table 2............................................................................ 3
Changes to Table 3............................................................................ 4
Added Figure 5, Figure 6, and Table 6; Renumbered
Sequentially ....................................................................................... 7
Changes to Figure 17, Figure 20, and Figure 21......................... 11
Changes to Figure 65...................................................................... 19
Added Figure 67 and Figure 68 .................................................... 19
Changes to Output Phase Reversal Section and Figure 70 ....... 21
Changes to Ordering Guide .......................................................... 24
10/2013—Rev. 0 to Rev. A
Added ADA4077-4.............................................................Universal
Changes to Features, General Description, and Figure 1.............1
Deleted Figure 2; Renumbered Sequentially .................................1
Added Figure 2 ..................................................................................1
Changes to Table 2.............................................................................3
Changes to Table 3.............................................................................4
Changes to Table 4.............................................................................6
Added Figure 6, Figure 7, and Table 7; Renumbered
Sequentially ........................................................................................8
Changes to Typical Performance Characteristics Section ...........9
Changes to Figure 65...................................................................... 20
Updated Outline Dimensions....................................................... 21
Changes to Ordering Guide.......................................................... 23
10/2012—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com