Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1BRZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4077-1BRZ-R7
Description  4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1BRZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4077-1BRZ-R7 Datasheet HTML 1Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 2Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
4 MHz, 7 nV/√Hz, Low Offset and
Drift, High Precision Amplifiers
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Offset voltage and offset voltage drift
B grade: 25 µV and 0.25 µV/°C at V
SY = ±5 V
A grade maximum offset at 25°C and maximum drift from
−40°C to +125°C
SOIC: 50 µV and 0.55 µV/°C single/dual and 0.75 µV/°C quad
MSOP: 90 µV and 1.2 µV/°C dual and 120 µV and 1.2 µV/°C
single
TSSOP: 120 µV and 1.2 µV/°C quad
MSL1 rated
Low input bias current: 1 nA maximum at T
A = 25°C
Low voltage noise density: 6.9 nV/√Hz typical at f = 1000 Hz
CMRR, PSRR, and A
V > 120 dB minimum
Low supply current: 400 µA per amplifier typical
Wide gain bandwidth product: 3.9 MHz at ±5 V
Dual-supply operation: ±2.5 V to ±15 V
Unity gain stable
No phase reversal
APPLICATIONS
Process control front-end amplifiers
Wireless base station control circuits
Optical network control circuits
Instrumentation
Sensors and controls: thermocouples, RTDs, strain bridges,
and shunt current measurements
Precision filters
GENERAL DESCRIPTION
The single ADA4077-1, dual ADA4077-2, and quad ADA4077-4
amplifiers feature extremely low offset voltage and drift, and low
input bias current, noise, and power consumption. Outputs are
stable with capacitive loads of more than 1000 pF with no
external compensation.
Applications for this amplifier include sensor signal conditioning
(such as thermocouples, RTDs, strain gauges), process control
front-end amplifiers, and precision diode power measurement
in optical and wireless transmission systems. The ADA4077-1,
ADA4077-2, and ADA4077-4 are useful in line powered and
portable instrumentation, precision filters, and voltage or
current measurement and level setting.
Unlike amplifiers by some competitors, the ADA4077-1/
ADA4077-2/ADA4077-4 have an MSL1 rating that is compliant
with the most stringent of assembly processes, and they are
specified over the extended industrial temperature range from
−40°C to +125°C for the most demanding operating environments.
PIN CONNECTION DIAGRAMS
Figure 1. ADA4077-1, 8-Lead SOIC (and 8-Lead MSOP)
Figure 2. ADA4077-2, 8-Lead MSOP (and 8-Lead SOIC)
Figure 3. ADA4077-4, 14-Lead TSSOP (and 14-Lead SOIC)
The ADA4077-1 and ADA4077-2 are available in an 8-lead SOIC
package, including the B grade, and in an 8-lead MSOP (A grade
only). The ADA4077-4 is offered in a 14-lead TSSOP and a 14-lead
SOIC package.
Figure 4. Offset Voltage Distribution
Table 1. Evolution of Precision Devices by Generation
Op Amp
First
Second
Third
Fourth
Fifth
Sixth
Single
OP07
OP77
OP177
OP1177
AD8677
ADA4077-1
Dual
OP2177
ADA4077-2
Quad
OP4177
ADA4077-4
NC
1
–IN
2
+IN
3
V–
4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT. NOT INTERNALLY CONNECTED.
ADA4077-1
TOP VIEW
(Not to Scale)
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4077-2
TOP VIEW
(Not to Scale)
ADA4077-4
1
2
3
4
5
6
7
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
VOS (µV)
0
20
40
60
80
100
120
140
160
180
200
VSY = ±5V
SOIC


Similar Part No. - ADA4077-1BRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4077-1BRZ-R7 AD-ADA4077-1BRZ-R7 Datasheet
6Mb / 25P
4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
Rev. F
More results

Similar Description - ADA4077-1BRZ-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
logo
Analog Devices
ADA4004-1 AD-ADA4004-1_08 Datasheet
376Kb / 16P
1.8 nV/?숰z, 36 V Precision Quad Amplifiers
REV. C
ADA4004-1 AD-ADA4004-1_09 Datasheet
373Kb / 16P
1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. E
ADA4004-1 AD-ADA4004-1_15 Datasheet
388Kb / 16P
1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. H
logo
Texas Instruments
INA821 TI1-INA821 Datasheet
1Mb / 36P
35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_18 Datasheet
1Mb / 41P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_V01 Datasheet
2Mb / 45P
INA821 35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com