Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1BRZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4077-1BRZ-R7
Description  4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1BRZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4077-1BRZ-R7 Datasheet HTML 17Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 18Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 19Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 20Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 21Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 22Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 23Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 24Page - Analog Devices ADA4077-1BRZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
Rev. D | Page 21 of 25
THEORY OF OPERATION
The ADA4077-1, ADA4077-2, and ADA4077-4 are the sixth
generation of the Analog Devices, Inc., industry-standard OP07
amplifier family. The ADA4077-1, ADA4077-2, and ADA4077-4
are high precision, low noise operational amplifiers with a
combination of extremely low offset voltage and very low input
bias currents. Unlike JFET amplifiers, the low bias and offset
currents are relatively insensitive to ambient temperatures, even
up to 125°C.
The Analog Devices proprietary process technology and linear
design expertise have produced a high voltage amplifier with
superior performance to the OP07, OP77, OP177, and OP1177
in tiny, 8-lead SOIC and 8-lead MSOP packages (ADA4077-1
and ADA4077-2) and 14-lead TSSOP and 14-lead SOIC packages
(ADA4077-4). Despite their small size, the ADA4077-1,
ADA4077-2, and ADA4077-4 offer numerous improvements,
including low wideband noise, wide bandwidth, lower offset and
offset drift, lower input bias current, and complete freedom from
phase inversion.
The ADA4077-1, ADA4077-2, and ADA4077-4 have a specified
operating temperature range of −40°C to +125°C with an MSL1
rating, which is as wide as any similar device in a plastic surface-
mount package. This MSL1 rating is increasingly important as
printed circuit board (PCB) and overall system sizes continue to
shrink, causing internal system temperatures to rise.
In the ADA4077-1, ADA4077-2, and the ADA4077-4, the power
consumption is reduced by a factor of four compared to the OP177,
and the bandwidth and slew rate are both increased by a factor
of six. The low power dissipation and very stable performance
vs. temperature also reduce warmup drift errors to insignificant
levels.
Inputs are protected internally from overvoltage conditions
referenced to either supply rail. Like any high performance
amplifier, maximum performance is achieved by following
appropriate circuit and PCB guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com