Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4638-1ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4638-1ACPZ-R7
Description  30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4638-1ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4638-1ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
ADA4638-1
Rev. 0 | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—30 V OPERATION
VS = 30 V, VCM = VSY/2 V, TA = 25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.5
4.5
μV
−40°C ≤ TA ≤ +125°C; SOIC
12.5
μV
−40°C ≤ TA ≤ +125°C; LFCSP
14.5
μV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +125°C; SOIC
0.08
μV/°C
−40°C ≤ TA ≤ +125°C; LFCSP
0.1
μV/°C
Input Bias Current
IB
45
90
pA
−40°C ≤ TA ≤ +125°C
500
pA
Input Offset Current
IOS
25
105
pA
−40°C ≤ TA ≤ +125°C
170
pA
Input Voltage Range
0
27
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 27 V
130
142
dB
−40°C ≤ TA ≤ +125°C
130
dB
Open-Loop Gain
AVO
RL = 10 kΩ, VO = 1 V to 29 V
140
165
dB
−40°C ≤ TA ≤ +125°C
140
dB
Input Resistance, Common Mode
RINCM
330
GΩ
Input Capacitance, Differential Mode
CINDM
4
pF
Input Capacitance, Common Mode
CINCM
9
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to VCM
29.90
29.92
V
−40°C ≤ TA ≤ +125°C
29.85
V
RL = 2 kΩ to VCM
29.50
29.58
V
−40°C ≤ TA ≤ +125°C
29.35
V
Output Voltage Low
VOL
RL = 10 kΩ to VCM
50
60
mV
−40°C ≤ TA ≤ +125°C
95
mV
RL = 2 kΩ to VCM
235
270
mV
−40°C ≤ TA ≤ +125°C
445
mV
Short-Circuit Current
ISC
±38
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = +1
220
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 4.5 V to 30 V
120
143
dB
−40°C ≤ TA ≤ +125°C
120
dB
Supply Current/Amplifier
ISY
IO = 0 mA
0.85
1.05
mA
−40°C ≤ TA ≤ +125°C
1.25
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, CL = 20 pF, AV = +1
1.5
V/μs
Overload Recovery Time
RL = 10 kΩ, CL = 20 pF, AV = −100
8
μs
Settling Time to 0.1%
tS
VIN = 5 V step, RL = 10 kΩ, CL = 20 pF, AV = −1
4
μs
Unity-Gain Crossover
UGC
VIN = 30 mV p-p, RL = 10 kΩ, CL = 20 pF, AV = +1
1.3
MHz
Phase Margin
ΦM
VIN = 30 mV p-p, RL = 10 kΩ, CL = 20 pF, AV = +1
69
Degrees
Gain-Bandwidth Product
GBP
VIN = 30 mV p-p, RL = 10 kΩ, CL = 20 pF, AV = +100
1.5
MHz
−3 dB Closed-Loop Bandwidth
f−3dB
VIN = 30 mV p-p, RL = 10 kΩ, CL = 20 pF, AV = +1
2.5
MHz
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz
1.2
μV p-p
Voltage Noise Density
en
f = 1 kHz
66
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.1
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com