Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4638-1ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4638-1ACPZ-R7
Description  30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4638-1ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4638-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4638-1ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
ADA4638-1
Data Sheet
Rev. 0 | Page 16 of 24
APPLICATIONS INFORMATION
The ADA4638-1, with its wide supply voltage range of 4.5 V to
30 V, is a precision, rail-to-rail output, zero-drift operational
amplifier that features a patented combination of auto-zeroing
and chopping technique. This unique topology allows the
ADA4638-1 to maintain its low offset voltage over a wide tempera-
ture range and over its operating lifetime. This amplifier offers
ultralow input offset voltage of 4.5 μV maximum and an input
offset voltage drift of 80 nV/°C maximum. Offset voltage errors
due to common-mode voltage swings and power supply varia-
tions are also corrected by the auto-zeroing and chopping tech-
nique, resulting in a superb typical CMRR figure of 142 dB and
a PSRR figure of 143 dB at a ±15 V supply voltage. With ultrahigh
dc accuracy and no 1/f noise component, the ADA4638-1 is
ideal for high gain amplification of low level signals in dc or low
frequency applications without the risk of excessive output
voltage errors.
DIFFERENTIATION
Traditionally, zero-drift amplifiers are designed using either the
auto-zeroing or chopping technique. Each technique has its
benefits and drawbacks. Auto-zeroing usually results in low
noise energy at the auto-zeroing frequency, at the expense of
higher low frequency noise due to aliasing of wideband noise
into the auto-zeroed frequency band. Chopping results in lower
low frequency noise at the expense of larger noise energy at the
chopping frequency. The ADA4638-1 uses both auto-zeroing
and chopping in a patented ping-pong arrangement to obtain
lower low frequency noise together with lower energy at the
chopping and auto-zeroing frequencies, maximizing the signal-
to-noise ratio for the majority of applications. The relatively
high chopping frequency of 16 kHz and auto-zeroing frequency
of 8 kHz simplifies filter requirements for a wide, useful
bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com