Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-4ARZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4077-4ARZ-R7
Description  4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-4ARZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4077-4ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
ADA4077-1/ADA4077-2/ADA4077-4
Data Sheet
Rev. D | Page 18 of 25
Figure 53. Small Signal Overshoot vs. Load Capacitance, VSY = ±5 V
Figure 54. Positive 0.1% Settling Time, VSY = ±5 V
Figure 55. Negative 0.1% Settling Time, VSY = ±5 V
Figure 56. Small Signal Overshoot vs. Load Capacitance, VSY = ±15 V
Figure 57. Positive 0.1% Settling Time, VSY = ±15 V
Figure 58. Negative 0.1% Settling Time, VSY = ±15 V
0
5
10
15
20
25
30
35
40
1p
10p
100p
1n
10n
LOAD CAPACITANCE (F)
OS+
OS–
VSY = ±5V
RL = 2kΩ
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
TIME (1µs/DIV)
VSY = ±5V
VIN = 1V p-p
RL = 2kΩ
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
VSY = ±5V
VIN = 1V p-p
RL = 2kΩ
TIME (1µs/DIV)
0
5
10
15
20
25
30
35
40
1p
10p
100p
1n
10n
LOAD CAPACITANCE (F)
OS+
OS–
VSY = ±15V
RL = 2kΩ
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
VSY = ±15V
VIN = 10V p-p
RL = 2kΩ
TIME (1µs/DIV)
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
VSY = ±15V
VIN = 10V p-p
RL = 2kΩ
TIME (1µs/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com