Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-4ARZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4077-4ARZ-R7
Description  4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-4ARZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4077-4ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4077-4ARZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
Rev. D | Page 19 of 25
Figure 59. Voltage Noise Density vs. Frequency, VSY = ±5 V and VSY = ±15 V
Figure 60. THD + N vs. Frequency, VSY = ±5 V
Figure 61. 0.1 Hz to 10 Hz Noise, VSY = ±5 V
Figure 62. Voltage Noise Corner vs. Frequency, VSY = ±15 V and VSY = ±5 V
Figure 63. THD + N vs. Frequency, VSY = ±15 V
Figure 64. 0.1 Hz to 10 Hz Noise, VSY = ±15 V
1k
100
10
1
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
VSY = ±15V
VSY = ±5V
AV = +1
0.0001
0.001
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
BANDWIDTH = 80kHz
BANDWIDTH = 500kHz
VSY = ±5V
TIME (1s/DIV)
VSY = ±5V
100
0
03.0
FREQUENCY (Hz)
10
20
30
40
50
60
70
80
90
0.5
1.0
1.5
2.0
2.5
VSY = ±5V
VSY = ±15V
10
100
1k
10k
100k
FREQUENCY (Hz)
BANDWIDTH = 80kHz
BANDWIDTH = 500kHz
0.0001
0.001
0.01
0.1
1
10
100
VSY = ±15V
TIME (1s/DIV)
VSY = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com