Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3570SD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3570SD
Description  Low Noise White LED Driver System
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3570SD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3570SD Datasheet HTML 1Page - National Semiconductor (TI) LM3570SD Datasheet HTML 2Page - National Semiconductor (TI) LM3570SD Datasheet HTML 3Page - National Semiconductor (TI) LM3570SD Datasheet HTML 4Page - National Semiconductor (TI) LM3570SD Datasheet HTML 5Page - National Semiconductor (TI) LM3570SD Datasheet HTML 6Page - National Semiconductor (TI) LM3570SD Datasheet HTML 7Page - National Semiconductor (TI) LM3570SD Datasheet HTML 8Page - National Semiconductor (TI) LM3570SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN pin: Voltage to GND
-0.3V to 6.0V
EN, PWM: Voltage to GND
-0.3V to (V
IN +
0.3V) w/ 6.0V max
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
J-MAX)
150oC
Storage Temperature Range
-65oC to +150o C
Maximum Lead Temperature
(Soldering, 10 sec.)
(Note 4)
ESD Rating(Note 5)
Human Body Model
Machine Model
2.0kV
200V
Operating Ratings(Notes 1, 2)
Input Voltage Range
2.7V to 5.5V
Junction Temperature (T
J) Range
-40˚C to +105˚C
Ambient Temperature (T
A) Range
(Note 6)
-40˚C to +85˚C
Thermal Properties
Juntion-to-Ambient Thermal
Resistance (
θ
JA), LLP14 Package
(Note 7)
45˚C/W
Electrical Characteristics(Notes 2, 8)
Limits in standard typeface and typical values apply for T
J =25
oC. Limits in boldface type apply over the operating junction
temperature range. Unless otherwise noted, specifications apply to the LM3570 typical Application Circuit (pg.1) with: V
IN =
3.6V, V
EN = 3.0V, VPWM = 3.0V, VDX=3.6V, RSET = 6.25k
Ω,C
1=C2=1.0µF, CIN=2.2µF, COUT=3.3µF(Note 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
Dx
Output Current Regulation
(All Current Sources Active
Total Current=3xI
Dx)
(Note 10)
3.0V
≤ V
IN
≤ 5.5V;
2.5V
≤ V
Dx
≤ 3.6V;
R
SET = 6.25k
Ω;
I
VOUT = 0mA
18.4
20.0
21.6
mA
3.0V
≤ V
IN
≤ 5.5V;
2.5V
≤ V
Dx
≤ 3.8V;
R
SET = 8.35k
Ω;
I
VOUT = 0mA
13.6
15.0
16.4
3.0V
≤ V
IN
≤ 5.5V;
2.5V
≤ V
Dx
≤ 3.9V;
R
SET = 12.5k
Ω;
I
VOUT = 0mA
10.0
V
OUT
Regulated Output Voltage
3.3V
≤ V
IN
≤ 5.5V;
0mA
≤ I
Total
≤ 80mA(Note 11)
4.1
4.3
4.6
V
I
Dx-MATCH
Current Matching Between
Any Two Outputs(Note 12)
0.3
%
V
HR
Current Source Headroom
Voltage
(Note 13)
I
Dx =95%xIDx(nom.);
R
SET = 6.25k
Ω;
(I
Dx(nom.)
≈ 20mA)
500
mV
I
Dx =95%xIDx(nom.)
R
SET = 8.35k
Ω;
(I
Dx(nom.)
≈ 15mA)
375
I
Q
Quiescent Supply Current
3.0V
≤ V
IN
≤ 5.5V;
R
SET = open;
No Load Current
1.5
2.0
mA
3.0V
≤ V
IN
≤ 5.5V;
R
SET = 6.25k
Ω;
No Load Current
1.8
I
SD
Shutdown Supply Current
3.0V
≤ V
IN
≤ 5.5V;
V(EN) = 0V, V(PWM) = 0V
(Note 14)
0.1
1.0
µA
R
OUT
Charge Pump Output
Resistance
3.0V
≤ V
IN
≤ 5.5V
4
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com