Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3570SD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3570SD
Description  Low Noise White LED Driver System
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3570SD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3570SD Datasheet HTML 1Page - National Semiconductor (TI) LM3570SD Datasheet HTML 2Page - National Semiconductor (TI) LM3570SD Datasheet HTML 3Page - National Semiconductor (TI) LM3570SD Datasheet HTML 4Page - National Semiconductor (TI) LM3570SD Datasheet HTML 5Page - National Semiconductor (TI) LM3570SD Datasheet HTML 6Page - National Semiconductor (TI) LM3570SD Datasheet HTML 7Page - National Semiconductor (TI) LM3570SD Datasheet HTML 8Page - National Semiconductor (TI) LM3570SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM3570
Low Noise White LED Driver System
General Description
The LM3570 device provides a complete LED driver solution
for wireless handsets and other portable devices using a
display and keypad. With three constant current sources, up
to three white LEDs can be used for display lighting with
excellent current matching (0.3% typ.). The regulated 4.35V
output voltage is perfect for driving auxiliary keypad LEDs in
voltage mode.
The LM3570 utilizes a high efficiency 3/2 CMOS charge-
pump with a pre-regulation loop that minimizes conducted
noise on the input. It accepts an input voltage range from
2.7V to 5.5V and maintains a constant current determined by
the current through an external R
SET resistor.
The device supplies up to 80mA of total load current to
accommodate any combination of up to three white LEDs,
and additional current from V
OUT. The switching frequency is
set at 500kHz. (typ.) to keep the conducted noise spectrum
away from sensitive frequencies within portable RF devices.
By applying a pulse width modulated (PWM) signal to the
PWM pin, the user has the ability to independently control
the brightness of the regulated current source outputs with-
out shutting down the regulated output voltage.
Features
n
2.7V to 5.5V Input Voltage
n
Regulated Output Voltage (V
OUT = 4.35V)
n
Regulated I
Dx with ±0.3% matching between constant
current outputs
n
High Efficiency 3/2 Boost function
n
Drives one, two, or three white LEDs with no bias
resistor losses
n
Drives auxiliary keypad LEDS in voltage mode
n
Up to 80mA total output current
n
Active-High Enable
n
Active-High PWM Control Pin for independent control of
current sources
n
Very small solution size
n
1µA(max) shutdown current
n
500kHz switching frequency (typ.)
n
Linear regulation generates predictable noise spectrum
n
LLP-14 package: 4.0mm X 3.0mm X 0.8mm
Applications
n
Portable devices using white or blue LEDs with display
and backlight or frontlight
n
1-Cell LiIon battery-operated equipment including PDAs,
hand-held PCs and cellular phones
Typical Application Circuit
20085021
July 2004
© 2004 National Semiconductor Corporation
DS200850
www.national.com


Similar Part No. - LM3570SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM357 NSC-LM357 Datasheet
1Mb / 20P
Switching Regulator
LM3578 NSC-LM3578 Datasheet
1Mb / 18P
Switching Regulator
LM3578A NSC-LM3578A Datasheet
1Mb / 18P
Switching Regulator
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
Switching Regulator
logo
Texas Instruments
LM3578A TI-LM3578A Datasheet
1Mb / 30P
LM2578A/LM3578A Switching Regulator
More results

Similar Description - LM3570SD

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606 Datasheet
598Kb / 11P
6-Channel Low Noise Charge Pump White LED Driver
logo
National Semiconductor ...
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
White LED Driver System with I2C Compatible Brightness Control
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
WHITE LED DRIVER
logo
Semtech Corporation
SC604A SEMTECH-SC604A Datasheet
363Kb / 18P
Low Noise, High Efficiency Regulated White LED Driver
logo
National Semiconductor ...
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
White LED Driver System with I2C Compatible Brightness Control
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
6-Channel Low Noise Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
SG Micro Corp
SGM3135 SGMICRO-SGM3135 Datasheet
302Kb / 10P
Low Side White LED Driver
logo
AiT Semiconductor Inc.
A8113 AITSEMI-A8113 Datasheet
841Kb / 12P
HIGH POWER WHITE LED DRIVER 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com