Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3008 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP3008 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP3008
Download  AP3008 Download
File Size   59.39 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description WHITE LED DRIVER

AP3008 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3008 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP3008
Download  AP3008 Click to download

File Size   59.39 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description WHITE LED DRIVER

AP3008 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP3008 Product details

General Description
The AP3008 is a 1.2MHz PWM boost switching regulator designed for constant-current white LED driver applications.
   
Features
• Inherently Uniform LED Current
• High Efficiency up to 84%
• Drives 2 to 3 LEDs from a 2.7V Supply
• 1.2MHz PWM Operation Frequency
• Requires Only 0.22µF Output Capacitor
• Shutdown Current: < 1µA
• Built-in Output Over-Voltage Protection
• Under Voltage Lock Out (UVLO)
   
Applications
• Digital Cameras
• LCD modules
• GPS Receivers
• Cellular Phones
• PDAs, Handheld Computers
   




Similar Part No. - AP3008

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
121Kb / 10P
WHITE LED DRIVER
logo
Teledyne Technologies I...
AP3008 TELEDYNE-AP3008 Datasheet
175Kb / 2P
TO-8 CASCADABLE AP3008 AMPLIFIER
logo
BCD Semiconductor Manuf...
AP3008KTR BCDSEMI-AP3008KTR Datasheet
121Kb / 10P
WHITE LED DRIVER
AP3008KTR-E1 BCDSEMI-AP3008KTR-E1 Datasheet
121Kb / 10P
WHITE LED DRIVER
AP3008 BCDSEMI-AP3008_06 Datasheet
121Kb / 10P
WHITE LED DRIVER
More results


Similar Description - AP3008

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11850L TOKO-TK11850L Datasheet
162Kb / 14P
WHITE LED DRIVER
logo
Supertex, Inc
HV9903 SUTEX-HV9903 Datasheet
326Kb / 12P
White LED Driver
logo
Nippon Precision Circui...
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
White LED Driver IC
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
White LED Driver IC
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008_06 Datasheet
121Kb / 10P
WHITE LED DRIVER
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_12 Datasheet
885Kb / 25P
White LED Driver
BD6074GUT ROHM-BD6074GUT_12 Datasheet
629Kb / 21P
White LED Driver
BD65B60GWL ROHM-BD65B60GWL Datasheet
795Kb / 51P
White LED Driver
logo
Mitsumi Electronics, Co...
MM3097 MITSUMI-MM3097 Datasheet
87Kb / 8P
White LED Driver ICs
logo
Shenzhen Huazhimei Semi...
HM2126 HMSEMI-HM2126 Datasheet
344Kb / 9P
White LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com