Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8130 Datasheet (PDF) - Nippon Precision Circuits Inc

SM8130 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM8130
Download  SM8130 Download
File Size   83.09 Kbytes
Page   6 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description White LED Driver IC

SM8130 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8130 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM8130
Download  SM8130 Click to download

File Size   83.09 Kbytes
Page   6 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description White LED Driver IC

SM8130 Datasheet (HTML) - Nippon Precision Circuits Inc


SM8130 Product details

OVERVIEW

The SM8130 series are a doubler charge pump DC/DC converter with built-in constant current circuit (independent 3ch). Stable output supply can be realized by an input series regulator and an output side charge pump. 1 to 3 lights of white LED connected in parallel can be lighted. Current variation among LED is reduced due to the independent 3ch constant circuit. Current value sent to white LED can be set by supply level of CONT pin. In addition, brightness can also be adjusted by controlling of CONT pin supply.



FEATURES

■ 1 to 3 lights of white LED (connected in parallel) lighted

■ Output current value can be set by CONT pin supply (0.25V: 10mA/pcs, 0.50V: 20mA/pcs)

■ Brightness adjustable by controlling of CONT pin supply

■ Current variation among LED decreased by high precision

■ LED current regulation function for LED protection from excess current (ILIMIT1 to 3 = 30mA ±10%)

■ Input voltage range: 2.7 to 4.6V

■ Output voltage: 5.0V (typ)

■ Quiescent current: 3.5mA (typ)

■ Standby current: 1.0µA (max)

■ Switching frequency: 500kHz (typ)

■ LED current accuracy: 20mA ±3%(VCONT= 0.50V)

■ Package: 10-pin SON



APPLICATIONS

■ Cellular phone

■ Pager

■ Digital still camera

■ Handy terminal

■ PDAs

■ Portable games

■ White LED driving

■ Smart card reader

■ USB port

■ Li-ion battery backup supply

■ PCMCIA local 5V supply

■ Local 3V to 5V conversion




Similar Part No. - SM8130

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8131B NPC-SM8131B Datasheet
218Kb / 21P
The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8131B00B NPC-SM8131B00B Datasheet
218Kb / 21P
The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
White LED Driver IC
SM8132AB NPC-SM8132AB Datasheet
137Kb / 18P
White LED Driver IC
SM8132AW NPC-SM8132AW Datasheet
137Kb / 18P
White LED Driver IC
More results


Similar Description - SM8130

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
White LED Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com