Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8131B Datasheet (PDF) - Nippon Precision Circuits Inc

SM8131B Datasheet PDF - Nippon Precision Circuits Inc
Part # SM8131B
Download  SM8131B Download
File Size   218.51 Kbytes
Page   21 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.

SM8131B Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8131B Datasheet PDF - Nippon Precision Circuits Inc

Part # SM8131B
Download  SM8131B Click to download

File Size   218.51 Kbytes
Page   21 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.

SM8131B Datasheet (HTML) - Nippon Precision Circuits Inc


SM8131B Product details

The SM8131B is a charge pump DC/DC converter that switches between ×1and ×1.5 automatically. The SM8131B switches between ×1 and ×1.5 according to detected LED drive current, so that the battery life can be prolonged to the fullest extent. Since the connected LED are all detected for the switching, the SM8131B can respond to the variation of LED forward voltage. 6-channel of LED drive current control circuit is built-in, the SM8131B can control 1 to 6 lights of white LED, which are connected in parallel. The LED drive current per channel is set up by external resistor. Besides, by setting up SEL1/SEL2 pins, 6-channel of LED drive current control circuit can be divided to 2-groups, and input signal controlling of EN1/EN2 pins allow ON/OFF

and dimming per group.



FEATURES

■ Battery life extension by automatic charge pump switch between ×1 and ×1.5 according to the

detection of the LED drive current

■ Controlling 1 to 6 lights of white LED connected in parallel

■ Set up LED drive current value by external resistor (5kΩ:5mA/ch, 15kΩ:15mA/ch, 20kΩ:20mA/ch)

■ Dividing 6-channel to 2-groups by setting up

SEL1/SEL2 pins (L/L = 6:0ch, L/H = 5:1ch,

H/L = 4:2ch, H/H = 3:3ch)

■ 2-wire input controlling (1-wire input controlling when SEL1/SEL2 pins are set to “LOW”)

■ ON/OFF and brightness control by input signal controlling of EN1/EN2 pins

■ Supply voltage range

• No-load current (IOUT= 0mA): 2.7 to 4.6V

• Load current (IOUT= 120mA): 3.3 to 4.6V

■ Maximum output voltage: 4.2V (typ)

■ Maximum output current: 120mA (typ)

■ Quiescent current

• Not-switching (×1 mode): 0.7mA (typ)

• Switching (×1.5 mode): 2.0mA (typ)

■ Standby current (Power save mode): 0.01µA (typ)

■ Operating frequency (×1.5 mode): 750kHz (typ)

■ LED drive current accuracy (RSET = 20kΩ) :20mA ± 3%

■ Input signal frequency for dimming (Duty = 50%) :150kHz (max)

■ Package:20-pin QFN




Similar Part No. - SM8131B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
White LED Driver IC
SM8132AB NPC-SM8132AB Datasheet
137Kb / 18P
White LED Driver IC
SM8132AW NPC-SM8132AW Datasheet
137Kb / 18P
White LED Driver IC
More results


Similar Description - SM8131B

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
CHARGE PUMP DC-TO-DC CONVERTER
2001
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
Charge Pump Type DC-DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
Charge Pump DC-to-DC Converter
2002
logo
Unisonic Technologies
ME7660 UTC-ME7660 Datasheet
151Kb / 5P
CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
Charge Pump DC-to-DC Converter
11/29/12
logo
STMicroelectronics
AN937 STMICROELECTRONICS-AN937 Datasheet
1,014Kb / 29P
The L4971 is a 1.5 A monolithic dc-dc converter
03-May-2011
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
ON Semiconductor
LV52130N0XA ONSEMI-LV52130N0XA Datasheet
441Kb / 19P
1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com