Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8132AW Datasheet (PDF) - Nippon Precision Circuits Inc

SM8132AW Datasheet PDF - Nippon Precision Circuits Inc
Part # SM8132AW
Download  SM8132AW Download
File Size   137.23 Kbytes
Page   18 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description White LED Driver IC

SM8132AW Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8132AW Datasheet PDF - Nippon Precision Circuits Inc

Part # SM8132AW
Download  SM8132AW Click to download

File Size   137.23 Kbytes
Page   18 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description White LED Driver IC

SM8132AW Datasheet (HTML) - Nippon Precision Circuits Inc


SM8132AW Product details

OVERVIEW

The SM8132A is a charge pump DC/DC converter that switches between ×1and ×1.5 automatically. The SM8132A switches between ×1 and ×1.5 according to detected LED drive current, so that the battery life can be prolonged to the fullest extent. Since the connected LED are all detected for the switching, the SM8132A can respond to the variation of LED forward voltage. 4-channel of LED drive current control circuit is built-in, the SM8132A can control 1 to 4 lights of white LED, which are connected in parallel. The LED drive current per channel is set up by external resistor. Besides, the input signal controlling of EN pin allows ON/OFF and dimming.



FEATURES

■ Battery life extension by automatic charge pump switch between ×1 and ×1.5 according to the

detection of the LED drive current

■ Controlling 1 to 4 lights of white LED connected in parallel

■ Set up LED drive current value by external resistor (5kΩ:5mA/ch, 15kΩ:15mA/ch, 0kΩ:20mA/ch)

■ 1-wire input controlling

■ ON/OFF and brightness control by input signal controlling of EN pin

■ Soft start circuit built-in

■ Thermal shut down circuit built-in

■ Supply voltage range

• No-load current (IOUT=0mA): 2.7 to 4.6V

• Load current (IOUT=80mA): 3.3 to 4.6V

■ Maximum output voltage: 4.2V (typ)

■ Maximum output current: 80mA (typ)

■ Quiescent current

• Not-switching (×1 mode): 0.3mA (typ)

• Switching (×1.5 mode): 1.0mA (typ)

■ Standby current (Power save mode): 0.01µA (typ)

■ Operating frequency (×1.5 mode): 750kHz (typ)

■ LED drive current matching (RSET =20kΩ): ± 3%

■ Package: 16-pin QFN WL-CSP (under development)



APPLICATIONS

■ Cellular phone

■ PDA

■ Portable games

■ Handy terminal

■ Digital still camera

■ Digital video camera

■ LCD back light

■ White LED driving




Similar Part No. - SM8132AW

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
White LED Driver IC
SM8131B NPC-SM8131B Datasheet
218Kb / 21P
The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8131B00B NPC-SM8131B00B Datasheet
218Kb / 21P
The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
White LED Driver IC
More results


Similar Description - SM8132AW

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
White LED Driver IC
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
White LED Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com