Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8122A Datasheet (PDF) - Nippon Precision Circuits Inc

SM8122A Datasheet PDF - Nippon Precision Circuits Inc
Part # SM8122A
Download  SM8122A Download
File Size   162.12 Kbytes
Page   13 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description White LED Driver IC

SM8122A Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8122A Datasheet PDF - Nippon Precision Circuits Inc

Part # SM8122A
Download  SM8122A Click to download

File Size   162.12 Kbytes
Page   13 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description White LED Driver IC

SM8122A Datasheet (HTML) - Nippon Precision Circuits Inc


SM8122A Product details

OVERVIEW
The SM8122A is a high efficiency step-up DC/DC converter. Due to high voltage CMOS process realizing 25V output supply as maximum value, 2 to 6 lights of white LED connected in series can be lighted. By connecting in series, current variation among LED is eliminated. Current value sent to white LED can be set by external resistors. In addition, brightness can also be adjusted by control to FB pin or CE pin. Since the SM8122A has an over voltage protection circuit built-in, it dispenses with the existing external ZD (zener diode). Besides, the switching frequency of the SM8122A is higher (2.0MHz) than the existing product (SM8121A), so that it can respond to lower inductance value.

FEATURES
■ Boost-up control using PWM
■ 2 to 6 lights of white LED (connected in series) lighted
■ Output current value can be set by external resistors (51Ω: 9.8mA, 33Ω: 15.2mA, 24Ω: 20.8mA)
■ Brightness adjustable by control to FB pin or CE pin
■ Current variation among LED decreased by high precision
■ High efficient drive by step-up model
■ Over voltage protection circuit built-in
■ Supply voltage range: 2.3 to 5.5V
■ Maximum output voltage: 25V
■ Quiescent current: 820µA (typ)
■ Standby current: 1.0µA (max)
■ RON (Switching MOS-Tr): 2Ω (typ)
■ Switching frequency: 2.0MHz (typ)
■ Output current detection accuracy: ± 2%
■ Package: SOT23-6W (SM8122AH)
                   MSON-6 (SM8122AD)

APPLICATIONS
■ Cellular phone
■ Pager
■ Digital still camera
■ Handy terminal
■ PDAs
■ Portable games
■ White LED drive
■ LCD bias supply
■ Flash memory supply




Similar Part No. - SM8122A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
White LED Driver IC
SM8120A NPC-SM8120A Datasheet
201Kb / 14P
White LED Driver IC
SM8120AH NPC-SM8120AH Datasheet
201Kb / 14P
White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
White LED Driver IC
SM8121AD NPC-SM8121AD Datasheet
372Kb / 19P
White LED Driver IC
More results


Similar Description - SM8122A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
White LED Driver IC
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
White LED Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com