Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8134A Datasheet (PDF) - Nippon Precision Circuits Inc

SM8134A Datasheet PDF - Nippon Precision Circuits Inc
Part # SM8134A
Download  SM8134A Download
File Size   144.24 Kbytes
Page   19 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description White LED Driver IC

SM8134A Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8134A Datasheet PDF - Nippon Precision Circuits Inc

Part # SM8134A
Download  SM8134A Click to download

File Size   144.24 Kbytes
Page   19 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description White LED Driver IC

SM8134A Datasheet (HTML) - Nippon Precision Circuits Inc


SM8134A Product details

OVERVIEW

The SM8134A is a charge pump type white LED driver. It can drive 1 to 4 backlight white LED connected in parallel and 1 flash white LED, making the device ideal for camera-equipped cellular phones. The charge pump switches between ×1 to ×1.5 boost mode in response to LED drive current requirements to extend battery life to the maximum. The boost switching occurs in response to the drive current of all the connected LED and thus supports variations in LED forward-bias voltage drop (VF). Each LED drive current is controlled by a 5-channel LED drive current control circuit. The backlight LED drive current and ON/OFF control, and flash

LED drive current and ON/OFF control are all set by 3-wire serial interface data input. Also, an under voltage lockout (UVLO) circuit is built-in to prevent incorrect operation when the battery voltage drops.



FEATURES

■ Noise reduction due to charge pump boost circuit

■ Automatic charge pump switching to conserve power

■ Drives 1 to 4 backlight white LED (30mA/ch at maximum setting)

■ Drives a flash white LED (150mA at maximum setting)

■ Backlight and flash white LED brightness adjustment

■ 3-wire serial input interface for all setting and control

■ Under voltage lockout (UVLO) circuit built-in

■ Soft start circuit built-in

■ Thermal protection circuit built-in

■ Input voltage range

• No-load current (IOUT= 0mA): 2.7 to 4.6V

• Load current (IOUT= 80mA): 3.0 to 4.6V

• Load current (IOUT= 180mA): 3.3 to 4.6V

• Load current (IOUT= 200mA): 3.4 to 4.6V

■ Quiescent current

• Not-switching (×1.0 mode): 0.3mA (typ)

• Switching (×1.5 mode): 1.7mA (typ)

■ Standby current: 0.01µA (typ)

■ Operating frequency: 750kHz (typ)

■ Maximum backlight LED current: 30mA/ch

■ Maximum flash LED current: 150mA

■ All LED total maximum current: 200mA

■ Backlight LED current matching (ILED= 20mA) : ±3%

■ Flash LED current accuracy (ILED= 150mA) : ±6.7%

■ Packages: 16-pin QFN



APPLICATIONS

■ Cellular phone

■ Digital still camera

■ PDA

■ Portable games




Similar Part No. - SM8134A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
White LED Driver IC
SM8131B NPC-SM8131B Datasheet
218Kb / 21P
The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8131B00B NPC-SM8131B00B Datasheet
218Kb / 21P
The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
White LED Driver IC
More results


Similar Description - SM8134A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
White LED Driver IC
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
White LED Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com