Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8135A Datasheet (PDF) - Nippon Precision Circuits Inc

SM8135A Datasheet PDF - Nippon Precision Circuits Inc
Part # SM8135A
Download  SM8135A Download
File Size   157.25 Kbytes
Page   20 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description White LED Driver IC

SM8135A Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8135A Datasheet PDF - Nippon Precision Circuits Inc

Part # SM8135A
Download  SM8135A Click to download

File Size   157.25 Kbytes
Page   20 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description White LED Driver IC

SM8135A Datasheet (HTML) - Nippon Precision Circuits Inc


SM8135A Product details

OVERVIEW

The SM8135A is a charge pump type white LED driver. It can drive 1 to 4 backlight white LED connected in parallel, making it ideal for portable devices with small LCD. The charge pump switches between ×1 bypass mode, ×1.5 and ×2 boost mode in response to LED drive current requirements. The boost switching occurs in response to the drive current of all the connected LED and thus supports variations in LED forward-bias volt age drop (VF). Besides, the detection of switching is repeated in approx. 1sec-cycle by mode reset action, the SM8135A can respond to temporary variation of supply voltage. These ingenuities on switching detection can prolong the battery life to the fullest extent. Each LED drive current is controlled by a 4-channel LED drive

current control circuit. The LED drive current per channel is setup by external resistor. Moreover, the PWM signal control of EN pin can realize nonstep brightness control (10% to 100%). The IC ON/OFF is controlled by EN pin.



FEATURES

■ Battery life extension by automatic charge pump switch between ×1, ×1.5 and ×2 according to the detection of the LED drive current

■ Controlling 1 to 4 lights of white LED connected in parallel

■ Set up LED drive current value by external resistor (120kΩ: 20mA/ch)

■ 1-wire input controlling

■ ON/OFF and brightness control by PWM signal controlling of EN pin (10 to 100%)

■ Soft start circuit built-in

■ Thermal shut down circuit built-in

■ Input voltage range

    No-load current (IOUT= 0mA): 2.7 to 4.6V

    Load current (IOUT= 80mA): 3.0 to 4.6V

■ Maximum output voltage: 4.9V (typ)

■ Maximum output current: 80mA (typ)

■ Quiescent current

    Not-switching (×1 mode): 0.3mA (typ)

    Switching (×1.5 mode): 1.5mA (typ)

    Switching (×2 mode): 1.5mA (typ)

■ Standby current: 0.01µA (typ)

■ Operating frequency: 1MHz (typ)

■ LED drive current accuracy between channel

(REST = 120kΩ): ± 5% (max)

■ Package: 16-pin QFN



APPLICATIONS

■ Cellular phone

■ PDA

■ Portable games

■ Handy terminal

■ Digital still camera

■ Digital video camera

■ LCD panel back light

■ White LED driving




Similar Part No. - SM8135A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
White LED Driver IC
SM8135BB NPC-SM8135BB Datasheet
148Kb / 19P
White LED Driver IC
More results


Similar Description - SM8135A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
White LED Driver IC
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
White LED Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com