Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8120 Datasheet (PDF) - Nippon Precision Circuits Inc

SM8120 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM8120
Download  SM8120 Download
File Size   201.93 Kbytes
Page   14 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description White LED Driver IC

SM8120 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8120 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM8120
Download  SM8120 Click to download

File Size   201.93 Kbytes
Page   14 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description White LED Driver IC

SM8120 Datasheet (HTML) - Nippon Precision Circuits Inc


SM8120 Product details

OVERVIEW
The SM8120A is a high efficiency step-up DC/DC converter. Due to high voltage CMOS process realizing 24V output supply as maximum value, white LED of 2–4 lights connected in series can be lighted. By connecting in series, current variation among LED is eliminated. Current value sent to white LED can be set by external resistors. In addition, brightness can also be adjusted by control to FB pin or CE pin.

FEATURES
■ Boost-up control using PFM
■ White LED of 2-4 lights (connected in series) lighted
■ Output current value can be set by external resistors (51Ω: 9.8mA, 33Ω: 15.2mA, 24Ω: 20.8mA)
■ Brightness adjustable by control to FB pin or CE pin
■ Current variation among LED decreased by high precision
■ High efficient drive by step-up model
■ Supply voltage range: 2.4 to 5.5V
■ Maximum output voltage: 24V
■ Quiescent current: 80µA (typ)
■ Standby current: 1.0µA (max)
■ RON (Switching MOS-Tr): 2Ω (typ)
■ Maximum switching frequency: 500kHz (typ)
■ Output current detection accuracy: ± 2%
■ Small package: SOT23-5

APPLICATIONS
■ Cellular phone
■ Pager
■ Digital still camera
■ Handy terminal
■ PDAs
■ Portable games
■ White LED drive
■ LCD bias supply
■ Flash memory supply




Similar Part No. - SM8120

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
White LED Driver IC
SM8121AD NPC-SM8121AD Datasheet
372Kb / 19P
White LED Driver IC
SM8121AH NPC-SM8121AH Datasheet
372Kb / 19P
White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
White LED Driver IC
SM8122AD NPC-SM8122AD Datasheet
162Kb / 13P
White LED Driver IC
More results


Similar Description - SM8120

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
White LED Driver IC
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
White LED Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com