Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9903 Datasheet (PDF) - Supertex, Inc

HV9903 Datasheet PDF - Supertex, Inc
Part # HV9903
Download  HV9903 Download
File Size   326.78 Kbytes
Page   12 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description White LED Driver

HV9903 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9903 Datasheet PDF - Supertex, Inc

Part # HV9903
Download  HV9903 Click to download

File Size   326.78 Kbytes
Page   12 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description White LED Driver

HV9903 Datasheet (HTML) - Supertex, Inc


HV9903 Product details

Description
The Supertex HV9903 is a fixed frequency DC-DC boost converter designed for driving Light Emitting Diodes (LEDs) with constant current where the light intensity is proportional to the current through them. The input supply voltage range into the device (VDD) is 2.6 to 4.6V. Operation of the driver at lower voltages is possible as long as a 2.6–4.6V low current supply is available for the HV9903. The device uses a single inductor and a minimum number of passive components. The device can be enabled/disabled via the SHDN pin.

Features
❑ Power efficiency of up to 85%
❑ Drives up to 6 White LEDs
❑ 2.6V to 4.6V Supply power stage can operate at 1.8V (see page 8)
❑ Built-in Soft Start
❑ DC and PWM Dimming Control
❑ Built-in Open LED protection
❑ Open LED indicator (via RSET)
❑ 1.2MHz Fixed Switching Frequency
❑ 500nA max leakage current when disabled
❑ No leakage current path through LEDs when disabled
❑ Resistor-programmable LED Current
❑ Small 6-lead MLP (3mm x 3mm) package (similar to 6-pin SOT-23)

Applications
❑ Color LCD Backlighting
❑ Cell phones, smart phones
❑ PDAs, pocket PCs
❑ Organizers
❑ Digital Cameras
❑ MP3 Players




Similar Part No. - HV9903

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
Universal Relay Driver
HV9901 SUTEX-HV9901 Datasheet
580Kb / 7P
Universal Relay Driver
logo
Microchip Technology
HV9901 MICROCHIP-HV9901 Datasheet
498Kb / 16P
Universal Relay Driver
06/23/16
logo
Supertex, Inc
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
Universal Relay Driver
HV9901NG SUTEX-HV9901NG Datasheet
75Kb / 6P
Universal Relay Driver
More results


Similar Description - HV9903

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11850L TOKO-TK11850L Datasheet
162Kb / 14P
WHITE LED DRIVER
logo
Nippon Precision Circui...
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
White LED Driver IC
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
White LED Driver IC
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
WHITE LED DRIVER
AP3008 BCDSEMI-AP3008_06 Datasheet
121Kb / 10P
WHITE LED DRIVER
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_12 Datasheet
885Kb / 25P
White LED Driver
BD6074GUT ROHM-BD6074GUT_12 Datasheet
629Kb / 21P
White LED Driver
BD65B60GWL ROHM-BD65B60GWL Datasheet
795Kb / 51P
White LED Driver
logo
Mitsumi Electronics, Co...
MM3097 MITSUMI-MM3097 Datasheet
87Kb / 8P
White LED Driver ICs
logo
Shenzhen Huazhimei Semi...
HM2126 HMSEMI-HM2126 Datasheet
344Kb / 9P
White LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com