Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64CILQ-F Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM64CILQ-F
Description  짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM64CILQ-F Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM64CILQ-F Datasheet HTML 9Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 10Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 11Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 12Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 13Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 14Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 15Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 16Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
1.0 Functional Description (Continued)
The data byte has the Most Significant Bit (MSB) first. At the
end of a read, the LM64 can accept either Acknowledge or
No-Acknowledge from the Master. Note that the No-
Acknowledge is typically used as a signal for the slave
indicating that the Master has read its last byte.
1.9 DIGITAL FILTER
The LM64 incorporates a user-configured digital filter to
suppress erroneous Remote Temperature readings due to
noise. The filter is accessed in the Remote Diode Tempera-
ture Filter and Comparator Mode Register. The filter can be
set according to the following table.
Level 2 is maximum filtering.
Digital Filter Selection Table
D2
D1
Filter
0
0
No Filter
0
1
Level 1
1
0
Level 1
1
1
Level 2
20065510
FIGURE 7. Step Response of the Digital Filter
20065511
FIGURE 8. Impulse Response of the Digital Filter
20065512
FIGURE 9. Digital Filter Response in an Intel Pentium 4
processor System. The Filter on and off curves were
purposely offset to better show noise performance.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com