Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64CILQ-F Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM64CILQ-F
Description  짹1째C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIO?셲
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM64CILQ-F Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM64CILQ-F Datasheet HTML 17Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 18Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 19Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 20Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 21Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 22Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 23Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 24Page - National Semiconductor (TI) LM64CILQ-F Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
2.0 LM64 Registers (Continued)
Configuration Register
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
03 (09)
HEX CONFIGURATION REGISTER
03 (09)
R/W
70
ALERT
Mask
When this bit is a 0, ALERT interrupts are enabled.
When this bit is set to a 1, ALERT interrupts are masked, and the
ALERT pin is always in a high impedance (open) state.
6
0
STANDBY
When this bit is a 0, the LM64 is in operational mode, converting,
comparing, and updating the PWM output continuously.
When this bit is a 1, the LM64 enters a low power standby mode.
In STANDBY, continuous conversions are stopped, but a
conversion/comparison cycle may be initiated by writing any value to
register 0x0F. Operation of the PWM output in STANDBY depends on
the setting of bit 5 in this register.
50
PWM Disable
in STANDBY
When this bit is a 0, the LM64’s PWM output continues to output the
current fan control signal while in STANDBY.
When this bit is a 1, the PWM output is disabled (as defined by the
PWM polarity bit) while in STANDBY.
4:1
0000
These bits are unused and always set to 0.
00
RDTS Fault
Queue
0: an ALERT will be generated if any Remote Diode conversion result is
above the Remote High Set Point or below the Remote Low
Setpoint.
1: an ALERT will be generated only if three consecutive Remote Diode
conversions are above the Remote High Set Point or below the
Remote Low Setpoint.
Tachometer Count And Limit Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
47
HEX TACHOMETER COUNT (MSB) and 46HEX TACHOMETER COUNT (LSB) REGISTERS (16 bits: Read LSB first to lock
MSB and ensure MSB and LSB are from the same reading)
47
Read
Only
7:0
N/A
Tachometer
Count (MSB)
These registers contain the current 16-bit Tachometer Count, representing
the period of time between tach pulses.
Note that the 16-bit tachometer MSB and LSB are reversed from the
16-bit temperature readings.
46
Read
Only
7:2
N/A
Tachometer
Count (LSB)
Read
Only
1:0
00
Tachometer
Edge Count
Bits
Edges Used
Tach_Count_Multiple
00:
Reserved - do not use
01:
2
4
10:
3
2
11:
5
1
Note: If PWM_Clock_Select = 360 kHz, then Tach_Count_Multiple = 1
regardless of the setting of these bits.
49
HEX TACHOMETER LIMIT (MSB) and 48HEX TACHOMETER LIMIT (LSB) REGISTERS
49
R/W
7:0
0xFF
Tachometer
Limit MSB)
These registers contain the current 16-bit Tachometer Count, representing
the period of time between tach pulses. Fan RPM = (f * 5,400,000) /
(Tachometer Count), where f = 1 for 2 pulses/rev fan; f = 2 for 1 pulse/rev
fan; and f = 2/3 for 3 pulses/rev fan. See the Applications Notes section
for more tachometer information. Note that the 16-bit tachometer MSB and
LSB are reversed from the 16 bit temperature readings.
48
R/W
7:2
0xFF
Tachometer
Limit (LSB)
R/W
1:0
[Reserved]
Not Used.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com