Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2153 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF2153
Description  SAW FILTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2153 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF2153 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2153 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2153 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Iss 1 C1u
Date 13-7-2011
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Source Power
PS
25
dBm
DC Voltage
VDC
0
V
Storage Temperature Range
Tstg
-40 to +85
°C
Operating Temperature Range
TA
-40 to +85
°C
5-2. Electronic Characteristics
Parameter
Unit
Min.
Typ.
Max.
Center Frequency
MHz
140.0
Insertion Loss*
@CF
dB
-
12.0
14.0
1dB Bandwidth
MHz
6.0
6.5
-
3dB Bandwidth
MHz
-
7.2
-
40dB Bandwidth
MHz
-
9.4
10.5
Ultimate Attenuation
@CF+-7.5MHz
dB
42
48
-
Input Return Loss
Output Return Loss
dB
10
6
-
-
-
-
Passband Ripple CF+/-3.0MHz
dB
-
0.5
1.0
Group Delay Variation
nsec
-
70
120
Absolute Delay
usec
-
1.23
Temperature Coefficient
PPM/°C
-18
ESD/MSD
1A/1
Operational Temperature
°C
-45
85
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50Ω test system with VSWR≤1.2:1. The test fixture L and C are adjusted for minimum insertion
loss at the filter center frequency, fC. Note that insertion loss, bandwidth, and passband shape are dependent on
the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com