Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF2153 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF2153
Description  SAW FILTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2153 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF2153 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2153 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2153 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAW FILTER
PART NO.: ACTF2153-140-SMP53
The ACTF2153-140-SMP53 is a high performance IF band pass filter in a surface-mount ceramic
SMP-53
case with center frequency 140.00 MHz.
1. Package Dimension
(SMP-53)
2. Marking
Pin
Configuration
5
Output
6
Output-Ground
11
Input
12
Input -Ground
Others
Be grounded
Unit: mm
ACTF *
2153
- The logo “ACT” indicates our product mark
- The character “F” indicates the type of SAW component. Including: F (filter), R (resonator) etc.
- The “2153” indicates the model name of SAW component
- The dot “·”indicates terminal 1
-* Date code
3. Matching Network (Input and output unbalanced)
L1=120nH
L2=82nH
C1=36pF
L3=68nH
Iss 1 C1u
Date 13-7-2011
Page 1 of 3


Similar Part No. - ACTF2153

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF2159 ACT-ACTF2159 Datasheet
161Kb / 4P
SAW BANDPASS FILTER
ACTF2159-169.48125-0705 ACT-ACTF2159-169.48125-0705 Datasheet
161Kb / 4P
SAW BANDPASS FILTER
More results

Similar Description - ACTF2153

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com