Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTR9028 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTR9028
Description  SMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR9028 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTR9028 Datasheet HTML 1Page - Advanced Crystal Technology ACTR9028 Datasheet HTML 2Page - Advanced Crystal Technology ACTR9028 Datasheet HTML 3Page - Advanced Crystal Technology ACTR9028 Datasheet HTML 4Page - Advanced Crystal Technology ACTR9028 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
Characteristic
Sym
Minimum
Typical
Maximum
Unit
Center Frequency
(+25℃)
Absolute Frequency
fC
934.475
934.725
MHz
Tolerance from 934.600 MHz
∆f
C
±125
kHz
Insertion Loss
IL
2.0
2.5
dB
Quality Factor
Unloaded Q
QU
7293
50
Ω Loaded Q
QL
1,500
Temperature
Stability
Turnover Temperature
T0
25
55
℃
Turnover Frequency
f0
fC
kHz
Frequency Temperature Coefficient
FTC
0.032
ppm/℃
2
Frequency Aging
Absolute Value during the First Year
|fA|
≤10
ppm/yr
DC Insulation Resistance Between Any Two Terminals
1.0
M
Ω
RF Equivalent
RLC Model
Motional Resistance
RM
25.89
35
Ω
Motional Inductance
LM
32.174
µH
Motional Capacitance
CM
0.902
fF
Shunt Static Capacitance
C0
2.0
2.3
2.6
pF
RoHS Compliant
Electrostatic Sensitive Device
NOTE:
1.
Unless noted otherwise, case temperature TC = +25°C±2°C.
2.
The center frequency, fC, is measured at the minimum insertion loss
point with the resonator in the 50Ω test system.
3.
Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the specification for
prolonged temperatures above +65°C. Typically, aging is greatest the first year after manufacture, decreasing in
subsequent years.
4.
Turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fO. The nominal frequency at any case
temperature, TC, may be calculated from: f = fO [1 - FTC (TO - TC)
2].
5.
This equivalent RLC model approximates resonator performance near the resonant frequency and is provided for
reference only. The capacitance CO is the static capacitance between the two terminals measured at low frequency
(10MHz) with a capacitance meter. The measurement includes case parasitic capacitance.
Test Circuit
Temperature Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com