Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTR9028 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTR9028
Description  SMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR9028 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTR9028 Datasheet HTML 1Page - Advanced Crystal Technology ACTR9028 Datasheet HTML 2Page - Advanced Crystal Technology ACTR9028 Datasheet HTML 3Page - Advanced Crystal Technology ACTR9028 Datasheet HTML 4Page - Advanced Crystal Technology ACTR9028 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features:
ACTR9028-934.6-DCC6C v1.1
1-port Resonator
Provides reliable, fundamental mode, quartz
frequency stabilization i.e. in transmitters or
local oscillators
Surface Mounted Technology (SMT)
Lead-free production and RoHS compliance
Package Dimensions
Ceramic Package: DCC6C
Pin Configuration
2
Terminal
5
Terminal
1, 3, 4, 6
Ground
Marking
Equivalent LC Model
ACTR
9028
Top View, Laser Printing
"ACT”: Manufacturer’s mark
“R”: SAW resonator
“9028”: Part number
Maximum Ratings
Rating
Value
Unit
CW RF power dissipation
P
13
dBm
DC voltage between any terminals
VDC
±30
V
Operating temperature range
TA
-40 ~ +85
°C
Storage temperature range
Tstg
-40 ~ +85
°C
Soldering Temperature (10 seconds)
TS
260
°C


Similar Part No. - ACTR9028

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTR9020 ACT-ACTR9020 Datasheet
350Kb / 7P
SURFACE-MOUNT SAW RESONATOR
2009
More results

Similar Description - ACTR9028

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST02D-170F2 SHINDENGEN-ST02D-170F2 Datasheet
298Kb / 9P
TRANKILLER SMT
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
SMT SMT Power Inductor
logo
EPCOS
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
SMT inductors
logo
AVX Corporation
046232109015800 AVX-046232109015800 Datasheet
509Kb / 6P
SMT 1.0mm PITCH LIF RA SMT
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
SMT inductors
logo
Advanced Crystal Techno...
ACTR3028 ACT-ACTR3028 Datasheet
337Kb / 5P
SMT
ACTR8013A ACT-ACTR8013A Datasheet
395Kb / 5P
SMT
ACTR9041 ACT-ACTR9041 Datasheet
232Kb / 5P
SMT
logo
Pulse A Technitrol Comp...
W3329 PULSE-W3329 Datasheet
1Mb / 13P
: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna :
logo
OSRAM GmbH
LRQH9F OSRAM-LRQH9F Datasheet
465Kb / 15P
SMT package, standard SMT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com