Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6181IM Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6181IM
Description  100 mA, 100 MHz Current Feedback Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6181IM Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM6181IM Datasheet HTML 12Page - National Semiconductor (TI) LM6181IM Datasheet HTML 13Page - National Semiconductor (TI) LM6181IM Datasheet HTML 14Page - National Semiconductor (TI) LM6181IM Datasheet HTML 15Page - National Semiconductor (TI) LM6181IM Datasheet HTML 16Page - National Semiconductor (TI) LM6181IM Datasheet HTML 17Page - National Semiconductor (TI) LM6181IM Datasheet HTML 18Page - National Semiconductor (TI) LM6181IM Datasheet HTML 19Page - National Semiconductor (TI) LM6181IM Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Typical Applications
CURRENT FEEDBACK TOPOLOGY
For a conventional voltage feedback amplifier the resulting
small-signal bandwidth is inversely proportional to the de-
sired gain to a first order approximation based on the
gain-bandwidth concept. In contrast, the current feedback
amplifier topology, such as the LM6181, transcends this limi-
tation to offer a signal bandwidth that is relatively indepen-
dent of the closed-loop gain.
Figure 1a and Figure 1b illus-
trate that for closed loop gains of −1 and −5 the resulting
pulse fidelity suggests quite similar bandwidths for both
configurations.
The closed-loop bandwidth of the LM6181 depends on the
feedback resistance, R
f. Therefore, RS and not Rf, must be
varied to adjust for the desired closed-loop gain as in
Figure
2.
POWER SUPPLY BYPASSING AND LAYOUT
CONSIDERATIONS
A fundamental requirement for high-speed amplifier design
is adequate bypassing of the power supply. It is critical to
maintain a wideband low-impedance to ground at the ampli-
fiers supply pins to insure the fidelity of high speed amplifier
transient signals. 10 µF tantalum and 0.1 µF ceramic bypass
capacitors are recommended for each supply pin. The by-
pass capacitors should be placed as close to the amplifier
pins as possible (0.5" or less).
FEEDBACK RESISTOR SELECTION: R
f
Selecting the feedback resistor, R
f, is a dominant factor in
compensating the LM6181. For general applications the
LM6181 will maintain specified performance with an 820
Ω
feedback resistor. Although this value will provide good re-
sults for most applications, it may be advantageous to adjust
this value slightly. Consider, for instance, the effect on pulse
responses with two different configurations where both the
closed-loop gains are 2 and the feedback resistors are 820
Ω
and 1640
Ω, respectively. Figure 3a and Figure 3b illustrate
the effect of increasing R
f
while maintaining the same
closed-loop gain — the amplifier bandwidth decreases. Ac-
cordingly, larger feedback resistors can be used to slow
down the LM6181 (see −3 dB bandwidth vs R
ftypical curves)
and reduce overshoot in the time domain response. Con-
versely, smaller feedback resistance values than 820
Ω can
be used to compensate for the reduction of bandwidth at
high closed loop gains, due to 2nd order effects. For ex-
ample
Figure 4 illustrates reducing R
f to 500Ω to establish
the desired small signal response in an amplifier configured
for a closed loop gain of 25.
DS011328-12
1a
DS011328-13
1b
FIGURE 1. 1a, 1b: Variation of Closed Loop Gain
from −1 to −5 Yields Similar Responses
DS011328-14
FIGURE 2. R
S Is Adjusted to Obtain
the Desired Closed Loop Gain, A
VCL
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com